Zakładka z wyszukiwarką danych komponentów |
|
MC74AC541MG Arkusz danych(PDF) 6 Page - ON Semiconductor |
|
MC74AC541MG Arkusz danych(HTML) 6 Page - ON Semiconductor |
6 / 12 page MC74AC540, MC74ACT540, MC74AC541, MC74ACT541 http://onsemi.com 6 AC CHARACTERISTICS (For Figures and Waveforms − See AND8277/D at www.onsemi.com) Symbol Parameter VCC* (V) 74ACT 74ACT Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Min Typ Max Min Max tPLH Propagation Delay Data to Output ( ′ACT540) 5.0 1.0 − 7.0 1.0 7.5 ns 3−5 tPHL Propagation Delay Data to Output ( ′ACT540) 5.0 1.0 − 8.0 1.0 8.5 ns 3−5 tPZH Output Enable Time ( ′ACT540) 5.0 1.0 − 10.5 1.0 11.5 ns 3−7 tPZL Output Enable Time ( ′ACT540) 5.0 1.0 − 9.5 1.0 10.5 ns 3−8 tPHZ Output Disable Time ( ′ACT540) 5.0 1.0 − 12.0 1.0 12.5 ns 3−7 tPLZ Output Disable Time ( ′ACT540) 5.0 1.5 − 9.0 1.0 10 ns 3−8 tPLH Propagation Delay Data to Output ( ′ACT541) 5.0 1.5 − 7.5 1.0 8.0 ns 3−5 tPHL Propagation Delay Data to Output ( ′ACT541) 5.0 1.5 − 7.5 1.0 8.0 ns 3−5 tPZH Output Enable Time ( ′ACT541) 5.0 2.0 − 10.0 1.0 11.0 ns 3−7 tPZL Output Enable Time ( ′ACT541) 5.0 1.5 − 9.5 1.0 10.5 ns 3−8 tPHZ Output Disable Time ( ′ACT541) 5.0 2.0 − 11.0 1.0 12.0 ns 3−7 tPLZ Output Disable Time ( ′ACT541) 5.0 2.0 − 9.0 1.0 10 ns 3−8 *Voltage Range 5.0 V is 5.0 V ±0.5 V. CAPACITANCE Symbol Parameter Value Typ Unit Test Conditions CIN Input Capacitance 4.5 pF VCC = 5.0 V CPD Power Dissipation Capacitance 30 pF VCC = 5.0 V |
Podobny numer części - MC74AC541MG |
|
Podobny opis - MC74AC541MG |