Zakładka z wyszukiwarką danych komponentów |
|
TL072-P08-T Arkusz danych(PDF) 6 Page - Unisonic Technologies |
|
TL072-P08-T Arkusz danych(HTML) 6 Page - Unisonic Technologies |
6 / 11 page TL072 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 11 www.unisonic.com.tw QW-R105-004,E UTC TL072 AC ELECTRICAL CHARACTERISTICS (VCC=±15V, Ta=25°C, TMIN=0°C, TMAX=70°C, unless otherwise specified) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Ta=25 °C 3 6 mV Input Offset Voltage VI(OFF) Rs=50 Ω TMIN≦Ta≦TMAX 7 mV Temperature Coefficient of Input Offset Voltage Dvio Rs=50 Ω 10 µV/°C Ta=25 °C 5 100 pA Input Offset Current* II(OFF) TMIN≦Ta≦TMAX 4 nA Ta=25 °C 20 200 pA Input Bias Current* II(BIAS) TMIN≦Ta≦TMAX 20 nA Input Common Mode Voltage VI(COM) ± 11 -12~+15 V Ta=25 Ω, RL=2kΩ 10 12 V Ta=25 °C, RL=10kΩ 12 13.5 V TMIN≦Ta≦TMAX, RL=2kΩ 10 V Output Voltage Swing VOPP RL=10kΩ TMIN≦Ta≦TMAX, RL=10kΩ 12 V Ta=25 °C 50 200 V/mV Large Signal Voltage Gain Avd RL=10kΩ, VOUT=±10V TMIN≦Ta≦TMAX 25 V/mV Gain Bandwidth Product GBW Ta=25 °C, RL=10kΩ, CL=100pF 2.5 4 MHz Input Resistance RIN 10 12 Ω Ta=25 °C 80 86 dB Common Mode Rejection Ratio CMR RS=50Ω TMIN≦Ta≦TMAX 80 dB Ta=25 °C 80 86 dB Supply Voltage Rejection Ratio SVR RS=50Ω TMIN≦Ta≦TMAX 80 dB Ta=25 °C 1.4 2.5 mA Supply Current (no load) ICC TMIN≦Ta≦TMAX 2.5 mA Channel Separation V01/V02 (Av=100, Ta=25 °C) 120 dB Ta=25 °C 10 40 60 mA Output Short-circuit Current Ios TMIN≦Ta≦TMAX 10 60 mA Slew Rate SR VIN=10V, RL=2kΩ, CL=100pF, Ta=25°C, unity gain 8 16 V/ µs Rise Time tR VIN=20mV,RL=2kΩ, CL=100pF, Ta=25°C, unity gain 0.1 µs Overshoot Factor Kov VIN=20mV,RL=2kΩ, CL=100pF, Ta=25°C, unity gain 10 % Total Harmonic Distortion THD Av=20dB, f=1kHz, RL=2kΩ, CL=100pF, Ta=25 °C, VOUT=2Vpp 0.01 % Phase Margin φm 45 Degrees Equivalent Input Noise Voltage eN RS=100Ω, f=1KHz 15 nV Hz *The Input bias currents are junction leakage currents, which approximately double for every 10 °C increase in the junction temperature. |
Podobny numer części - TL072-P08-T |
|
Podobny opis - TL072-P08-T |