Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1451-S16-T Arkusz danych(PDF) 7 Page - Unisonic Technologies

Numer części TL1451-S16-T
Szczegółowy opis  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451-S16-T Arkusz danych(HTML) 7 Page - Unisonic Technologies

Back Button TL1451-S16-T Datasheet HTML 3Page - Unisonic Technologies TL1451-S16-T Datasheet HTML 4Page - Unisonic Technologies TL1451-S16-T Datasheet HTML 5Page - Unisonic Technologies TL1451-S16-T Datasheet HTML 6Page - Unisonic Technologies TL1451-S16-T Datasheet HTML 7Page - Unisonic Technologies TL1451-S16-T Datasheet HTML 8Page - Unisonic Technologies TL1451-S16-T Datasheet HTML 9Page - Unisonic Technologies TL1451-S16-T Datasheet HTML 10Page - Unisonic Technologies TL1451-S16-T Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 14
www.unisonic.com.tw
QW-R103-011,C
TYPICAL CHARACTERISTICS
0
0
150
200
50
12
100
Protection Enable Time vs
Protection Enable Capacitance
Protection Enable Capacitance, CPE (μF)
9
18
250
3
15
6
170kΩ
12kΩ
R
U.V.L.O.
+
ERROR AMP 1
ERROR AMP 2
Short-circuit
Protection
Comparator
15
-
S
Protection
Latch
1.25V
CPE
SCP
VREF
VREF
VREF
16
0
10k
100k
1k
50
100
Closed-Loop Gain and Phase Shift vs Frequency
Frequency, f (Hz)
30
70
1M
10
60
20
VCC = 5V
RREF = 150Ω
CREF = 470pF
Ta = 25℃
Closed-Loop Gain
(Left Scale)
Phase Shift
(Right Scale)
CX:
47pF
470pF
4700pF
40
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
+
-
VREF
39kΩ
39kΩ
CREF
RREF
CX


Podobny numer części - TL1451-S16-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL1451-S16-T UTC-TL1451-S16-T Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
E-Tech Electronics LTD
TL1451-S16-T ETL-TL1451-S16-T Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Podobny opis - TL1451-S16-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
UTCTL1451 UTC-UTCTL1451 Datasheet
127Kb / 5P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A_15 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI-TL1451A-Q1_15 Datasheet
893Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_08 Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-EP TI1-TL1451A-EP Datasheet
673Kb / 25P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com