Zakładka z wyszukiwarką danych komponentów |
|
74LVX540 Arkusz danych(PDF) 5 Page - ON Semiconductor |
|
74LVX540 Arkusz danych(HTML) 5 Page - ON Semiconductor |
5 / 8 page MC74LVX540 http://onsemi.com 5 NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 3.3 V) TA = 25°C Symbol Parameter Typ Max Unit VOLP Quiet Output Maximum Dynamic VOL 0.5 0.8 V VOLV Quiet Output Minimum Dynamic VOL −0.5 −0.8 V VIHD Minimum High Level Dynamic Input Voltage 2.0 V VILD Maximum Low Level Dynamic Input Voltage 0.8 V VCC GND A Y tPHL OE1 or OE2 50% VCC GND Y tPZL Y tPZH HIGH IMPEDANCE VOL +0.3 V VOH −0.3 V HIGH IMPEDANCE tPLZ tPHZ 50% VCC 50% VCC tPLH 50% SWITCHING WAVEFORMS 50% VCC 50% Figure 4. Figure 5. CL* *Includes all probe and jig capacitance TEST POINT DEVICE UNDER TEST OUTPUT TEST CIRCUITS Figure 6. CL* *Includes all probe and jig capacitance TEST POINT DEVICE UNDER TEST OUTPUT 1 kW CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH. Figure 7. INPUT Figure 8. INPUT EQUIVALENT CIRCUIT |
Podobny numer części - 74LVX540 |
|
Podobny opis - 74LVX540 |