Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4052BCM Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części CD4052BCM
Szczegółowy opis  Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4052BCM Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button CD4052BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4052BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4052BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4052BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4052BCM Datasheet HTML 7Page - Fairchild Semiconductor CD4052BCM Datasheet HTML 8Page - Fairchild Semiconductor CD4052BCM Datasheet HTML 9Page - Fairchild Semiconductor CD4052BCM Datasheet HTML 10Page - Fairchild Semiconductor CD4052BCM Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics (Note 3)
TA = 25°C, tr = tf = 20 ns, unless otherwise specified.
Note 3: AC Parameters are guaranteed by DC correlated testing.
Note 4: A, B are two arbitrary channels with A turned “ON” and B “OFF”.
Symbol
Parameter
Conditions
VDD
Min
Typ
Max
Units
tPZH,
Propagation Delay Time from
VEE = VSS = 0V
5V
600
1200
ns
tPZL
Inhibit to Signal Output
RL = 1 kΩ
10V
225
450
(channel turning on)
CL = 50 pF
15V
160
320
tPHZ,
Propagation Delay Time from
VEE = VSS = 0V
5V
210
420
ns
tPLZ
Inhibit to Signal Output
RL = 1 kΩ
10V
100
200
(channel turning off)
CL = 50 pF
15V
75
150
CIN
Input Capacitance
Control input
57.5
pF
Signal Input (IN/OUT)
10
15
COUT
Output Capacitance
(common OUT/IN)
CD4051
10V
30
pF
CD4052
VEE = VSS = 0V
10V
15
CD4053
10V
8
CIOS
Feedthrough Capacitance
0.2
pF
CPD
Power Dissipation Capacitance
CD4051
110
pF
CD4052
140
CD4053
70
Signal Inputs (VIS) and Outputs (VOS)
Sine Wave Response
RL = 10 kΩ
(Distortion)
fIS = 1 kHz
10V
0.04
%
VIS = 5 Vp-p
VEE = VSI = 0V
Frequency Response, Channel
RL = 1 kΩ, VEE = 0V, VIS = 5Vp-p,
10V
40
MHz
“ON” (Sine Wave Input)
20 log10 VOS/VIS = −3 dB
Feedthrough, Channel “OFF”
RL = 1 kΩ, VEE = VSS = 0V, VIS = 5Vp-p,
10V
10
MHz
20 log10 VOS/VIS = −40 dB
Crosstalk Between Any Two
RL = 1 kΩ, VEE = VSS = 0V, VIS(A) = 5Vp-p
10V
3
MHz
Channels (frequency at 40 dB)
20 log10 VOS(B)/VIS(A) = −40 dB (Note 4)
tPHL
Propagation Delay Signal
VEE = VSS = 0V
5V
25
55
ns
tPLH
Input to Signal Output
CL = 50 pF
10V
15
35
15V
10
25
Control Inputs, A, B, C and Inhibit
Control Input to Signal
VEE = VSS = 0V, RL = 10 kΩ at both ends
Crosstalk
of channel.
10V
65
mV (peak)
Input Square Wave Amplitude
= 10V
tPHL,
Propagation Delay Time from
VEE = VSS = 0V
5V
500
1000
ns
tPLH
Address to Signal Output
CL = 50 pF
10V
180
360
(channels “ON” or “OFF”)
15V
120
240


Podobny numer części - CD4052BCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4052BCM NSC-CD4052BCM Datasheet
189Kb / 10P
   Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Fairchild Semiconductor
CD4052BCM FAIRCHILD-CD4052BCM Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
CD4052BCM FAIRCHILD-CD4052BCM Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4052BCM FAIRCHILD-CD4052BCM Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
More results

Podobny opis - CD4052BCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com