Zakładka z wyszukiwarką danych komponentów |
|
MC74VHCXXXM Arkusz danych(PDF) 4 Page - ON Semiconductor |
|
MC74VHCXXXM Arkusz danych(HTML) 4 Page - ON Semiconductor |
4 / 8 page http://onsemi.com 4 DC ELECTRICAL CHARACTERISTICS Unit TA = − 40 to 85°C TA = 25°C VCC V Test Conditions Parameter Symbol Unit Max Min Max Typ Min VCC V Test Conditions Parameter Symbol Iin Maximum Input Leakage Current Vin = 5.5V or GND 0 to 5.5 ± 0.1 ± 1.0 μA IOZ Maximum Three−State Leakage Current Vin = VIL or VIH Vout = VCC or GND 5.5 ± 0.25 ± 2.5 μA ICC Maximum Quiescent Supply Current Vin = VCC or GND 5.5 4.0 40.0 μA AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns) Symbol Parameter Test Conditions TA = 25°C TA = − 40 to 85°C Unit Min Typ Max Min Max fmax Maximum Clock Frequency (50% Duty Cycle) VCC = 3.3 ± 0.3V CL = 15pF CL = 50pF 80 50 125 75 — — 65 45 — — ns VCC = 5.0 ± 0.5V CL = 15pF CL = 50pF 130 85 180 115 — — 110 75 — — tPLH, tPHL Maximum Propagation Delay, CP to Q VCC = 3.3 ± 0.3 CL = 15pF CL = 50pF — — 8.5 11.0 13.2 16.7 1.0 1.0 15.5 19.0 ns VCC = 5.0 ± 0.5V CL = 15pF CL = 50pF — — 5.6 7.1 8.6 10.6 1.0 1.0 10.0 12.0 tPZL, tPZH Output Enable Time, OE to Q VCC = 3.3 ± 0.3V CL = 15pF RL = 1kΩ CL = 50pF — — 8.2 10.7 12.8 16.3 1.0 1.0 15.0 18.5 ns VCC = 5.0 ± 0.5V CL = 15pF RL = 1kΩ CL = 50pF — — 5.9 7.4 9.0 11.0 1.0 1.0 10.5 12.5 tPLZ, tPHZ Output Disable Time, OE to Q VCC = 3.3 ± 0.3V CL = 50pF RL = 1kΩ — 11.0 15.0 1.0 17.0 ns VCC = 5.0 ± 0.5V CL = 50pF RL = 1kΩ — 7.1 10.1 1.0 11.5 tOSLH, tOSHL Output to Output Skew VCC = 3.3 ± 0.3V CL = 50pF (Note 1) — — 1.5 — 1.5 ns VCC = 5.0 ± 0.5V CL = 50pF (Note 1) — — 1.0 — 1.0 ns Cin Maximum Input Capacitance — 4 10 — 10 pF Cout Maximum Three−State Output Capacitance, Output in High−Impedance State — 6 — — — pF CPD Power Dissipation Capacitance (Note 2) Typical @ 25°C, VCC = 5.0V pF 28 1. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|. 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC/8 (per flip−flop). CPD is used to determine the no−load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC. |
Podobny numer części - MC74VHCXXXM |
|
Podobny opis - MC74VHCXXXM |