Zakładka z wyszukiwarką danych komponentów |
|
TL2575-05IKV Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
TL2575-05IKV Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 28 page www.ti.com TL2575, TL2575HV 1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS SLVS638B – MAY 2006 – REVISED JANUARY 2007 TL2575 Electrical Characteristics (continued) I LOAD = 200 mA, VIN = 12 V for 3.3-V, 5-V, and adjustable versions, VIN = 25 V for 12-V version, VIN = 30 V for 15-V version (unless otherwise noted) (see Figure 2) TL2575 PARAMETER TEST CONDITIONS TJ UNIT MIN TYP MAX 25 °C 2.2 1.4 ON/OFF high-level logic VIH OFF (VOUT = 0 V) V input voltage Full range 2.4 25 °C 1.2 1 ON/OFF low-level logic VIL ON (VOUT = nominal voltage) V input voltage Full range 0.8 IIH ON/OFF high-level input current OFF (ON/OFF = 5 V) 25 °C 12 30 µA IIL ON/OFF low-level input current ON (ON/OFF = 0 V) 25 °C 0 10 µA 6 Submit Documentation Feedback |
Podobny numer części - TL2575-05IKV |
|
Podobny opis - TL2575-05IKV |