Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEL30 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC100LVEL30
Szczegółowy opis  3.3V ECL Triple D Flip?묯lop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL30 Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC100LVEL30 Datasheet HTML 1Page - ON Semiconductor MC100LVEL30 Datasheet HTML 2Page - ON Semiconductor MC100LVEL30 Datasheet HTML 3Page - ON Semiconductor MC100LVEL30 Datasheet HTML 4Page - ON Semiconductor MC100LVEL30 Datasheet HTML 5Page - ON Semiconductor MC100LVEL30 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC100LVEL30
http://onsemi.com
4
Table 6. AC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 5)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1.2
1.2
1.2
GHz
tPLH
tPHL
Propagation Delay to Output CLK, S, R
550
800
570
820
590
840
ps
tS
tH
Setup Time
Hold Time
150
200
0
100
150
200
0
100
150
200
0
100
ps
tRR
Set/Reset Recovery
400
200
400
200
400
200
ps
tPW
Minimum Pulse Width
CLK
Set, Reset
400
650
400
650
400
650
ps
tJITTER
Cycle−to−Cycle Jitter
TBD
TBD
TBD
ps
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
280
550
280
450
550
280
550
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. VEE can vary ±0.3 V.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Podobny numer części - MC100LVEL30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
   Triple D Flip-Flop With Set and Reset
1996 REV 2
MC100LVEL30DWG ONSEMI-MC100LVEL30DWG Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
MC100LVEL30DWR2G ONSEMI-MC100LVEL30DWR2G Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
MC100LVEL30 ONSEMI-MC100LVEL30_16 Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
More results

Podobny opis - MC100LVEL30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC100LVEL30 ONSEMI-MC100LVEL30_16 Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com