Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEL16DTG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100LVEL16DTG
Szczegółowy opis  3.3V ECL Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL16DTG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100LVEL16DTG Datasheet HTML 1Page - ON Semiconductor MC100LVEL16DTG Datasheet HTML 2Page - ON Semiconductor MC100LVEL16DTG Datasheet HTML 3Page - ON Semiconductor MC100LVEL16DTG Datasheet HTML 4Page - ON Semiconductor MC100LVEL16DTG Datasheet HTML 5Page - ON Semiconductor MC100LVEL16DTG Datasheet HTML 6Page - ON Semiconductor MC100LVEL16DTG Datasheet HTML 7Page - ON Semiconductor MC100LVEL16DTG Datasheet HTML 8Page - ON Semiconductor MC100LVEL16DTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 5
1
Publication Order Number:
MC100LVEL16/D
MC100LVEL16
3.3VECL Differential
Receiver
Description
The MC100LVEL16 is a differential receiver. The device is
functionally equivalent to the EL16 device, operating from a 3.3 V
supply. The LVEL16 exhibits a wider VIHCMR range than its EL16
counterpart. With output transition times and propagation delays
comparable to the EL16 the LVEL16 is ideally suited for interfacing
with high frequency sources at 3.3 V supplies.
Under open input conditions, the Q input will be pulled down to VEE
and the Q input will be biased to VCC/2. This condition will force the
Q output low.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
300 ps Propagation Delay
High Bandwidth Output Transitions
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors on D, Pullup and Pulldown
Resistors on D
Q Output will Default LOW with Inputs Open or at VEE
Pb−Free Packages are Available
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
KV16
ALYWG
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
KVL16
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
(Note: Microdot may be in either location)
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb−Free Package


Podobny numer części - MC100LVEL16DTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL16DTG ONSEMI-MC100LVEL16DTG Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
More results

Podobny opis - MC100LVEL16DTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com