Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10104P Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10104P
Szczegółowy opis  Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10104P Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10104P Datasheet HTML 1Page - ON Semiconductor MC10104P Datasheet HTML 2Page - ON Semiconductor MC10104P Datasheet HTML 3Page - ON Semiconductor MC10104P Datasheet HTML 4Page - ON Semiconductor MC10104P Datasheet HTML 5Page - ON Semiconductor MC10104P Datasheet HTML 6Page - ON Semiconductor MC10104P Datasheet HTML 7Page - ON Semiconductor MC10104P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10104
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH*
12
13
12, 13
13
8
8
1, 16
1, 16
IinL
12
12
8
1, 16
Output Voltage
Logic 1
VOH
15
9
12, 13
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
15
9
12, 13
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
9
9
15
15
12
13
13
12
12
13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
9
9
15
15
12
13
13
12
12
13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Switching Times
(50
Ω Load)
+1.11V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t12+15+
t12–15–
t12+9–
t12–9+
15
15
9
9
13
13
13
13
12
12
12
12
15
15
9
9
8
8
8
8
1, 16
1, 16
1, 16
1, 16
t13+15+
t13+9–
15
9
12
12
13
13
15
9
8
8
1, 16
1, 16
Rise Time
(20 to 80%)
t15+
t9+
15
9
12
12
13
13
15
9
8
8
1, 16
1, 16
Fall Time
(20 to 80%)
t15–
t9–
15
9
12
12
13
13
15
9
8
8
1, 16
1, 16
* Inputs 4, 7, 10 and 13 will behave similarly for ac and IinH values.
Inputs 5, 6, 11 and 12 will behave similarly for ac and IinH values.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10104P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10104 ONSEMI-MC10104 Datasheet
102Kb / 5P
   Quad 2-Input AND Gate
1996 REV 5
More results

Podobny opis - MC10104P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com