Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC7805CTG Arkusz danych(PDF) 27 Page - ON Semiconductor

Numer części MC7805CTG
Szczegółowy opis  1.0 A Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7805CTG Arkusz danych(HTML) 27 Page - ON Semiconductor

Back Button MC7805CTG Datasheet HTML 23Page - ON Semiconductor MC7805CTG Datasheet HTML 24Page - ON Semiconductor MC7805CTG Datasheet HTML 25Page - ON Semiconductor MC7805CTG Datasheet HTML 26Page - ON Semiconductor MC7805CTG Datasheet HTML 27Page - ON Semiconductor MC7805CTG Datasheet HTML 28Page - ON Semiconductor MC7805CTG Datasheet HTML 29Page - ON Semiconductor MC7805CTG Datasheet HTML 30Page - ON Semiconductor MC7805CTG Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
27
ORDERING INFORMATION
Device
Shipping
Package
Operating
Temperature Range
Nominal Voltage
MC7815BD2TR4
15 V
T = −40
°C to +125°C
D2PAK
800 / Tape & Reel
MC7815BD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7815BDT
DPAK
75 Units / Rail
MC7815BDTG
DPAK
(Pb−free)
75 Units / Rail
MC7815BDTRK
DPAK
2500 / Tape & Reel
MC7815BDTRKG
DPAK
(Pb−free)
2500 / Tape & Reel
MC7815BT
TO 220
50 Units /Rail
MC7815BTG
TO 220
(Pb−free)
50 Units /Rail
MC7815CD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7815CD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7815CD2TR4
D2PAK
800 / Tape & Reel
MC7815CD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7815CDT
DPAK
75 Units / Rail
MC7815CDTG
DPAK
(Pb−free)
75 Units / Rail
MC7815CDTRK
DPAK
2500 / Tape & Reel
MC7815CDTRKG
DPAK
(Pb−free)
2500 / Tape & Reel
MC7815CT
TO 220
50 Units /Rail
MC7815CTG
TO 220
(Pb−free)
50 Units /Rail
MC7818ACT
18 V
T = 0
°C to +125°C
TO 220
50 Units /Rail
MC7818ACTG
TO 220
(Pb−free)
50 Units /Rail
MC7818BT
T = −40
°C to +125°C
TO 220
50 Units /Rail
MC7818BTG
TO 220
(Pb−free)
50 Units /Rail
MC7818CD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7818CD2TR4
D2PAK
800 / Tape & Reel
MC7818CD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7818CT
TO 220
50 Units /Rail
MC7818CTG
TO 220
(Pb−free)
50 Units /Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
*NCV devices: Tlow = −40
°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.


Podobny numer części - MC7805CTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC7805CTG ONSEMI-MC7805CTG Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
MC7805CTG ONSEMI-MC7805CTG Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC7805CTG ONSEMI-MC7805CTG Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7805CTG ONSEMI-MC7805CTG Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results

Podobny opis - MC7805CTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com