Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10141L Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC10141L
Szczegółowy opis  Four Bit Universal Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10141L Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC10141L Datasheet HTML 1Page - ON Semiconductor MC10141L Datasheet HTML 2Page - ON Semiconductor MC10141L Datasheet HTML 3Page - ON Semiconductor MC10141L Datasheet HTML 4Page - ON Semiconductor MC10141L Datasheet HTML 5Page - ON Semiconductor MC10141L Datasheet HTML 6Page - ON Semiconductor MC10141L Datasheet HTML 7Page - ON Semiconductor MC10141L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10141
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
P1
P2
P3
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
5
6
7
4
5
6
7
4
8
8
8
8
1, 16
1, 16
1, 16
1, 16
IinL
12
4,5,6,7,9,
10,11,13
12
8
1, 16
Output Voltage
Logic 1
VOH
3
6
8
4
1, 16
Output Voltage
Logic 0
VOL
3
8
4
1, 16
Threshold Voltage
Logic 1
VOHA
(Note 1.)
3
3
3
3
6
6
Note 3.
Note 3.
6
7
8
8
8
8
4
4
4
4
1, 16
1, 16
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
(Note 1.)
3
3
3
3
6
Note 4.
Note 4.
6
7
8
8
8
8
4
4
4
4
1, 16
1, 16
1, 16
1, 16
Switching Times (50
Ω Load)
–3.2 V
+2.0 V
Propagation Delay
Setup TIme (tsetup)
Hold Time (thold)
t4+3+
t12+4+
t10+4+
t4+12+
3
14
14
14
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t3+
3
8
1, 16
Fall Time
(20 to 80%)
t3–
3
8
1, 16
Shift Frequency
fshift
Note 2.
8
1, 16
1. These tests to be performed in sequence as shown.
VIH
VIL
P1
VIHA
VIL
P2
VILA
VIL
P3
2. See shift frequency test circuit for test procedures.
3. Reset to zero before performing test.
4. Reset to one before performing test.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10141L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10141 ONSEMI-MC10141 Datasheet
123Kb / 6P
   Four Bit Universal Shift Register
1996 REV 5
More results

Podobny opis - MC10141L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H141 ONSEMI-MC10H141 Datasheet
109Kb / 4P
   Four-Bit Universal Shift Register
1996 REV 6
MC10141 ONSEMI-MC10141 Datasheet
123Kb / 6P
   Four Bit Universal Shift Register
1996 REV 5
MC10H141 ONSEMI-MC10H141_16 Datasheet
143Kb / 5P
   Four?륛it Universal Shift Register
August, 2016 ??Rev. 9
MC10H141 ONSEMI-MC10H141_06 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
logo
Motorola, Inc
SN54LS195A MOTOROLA-SN54LS195A Datasheet
220Kb / 6P
   UNIVERSAL 4-BIT SHIFT REGISTER
logo
NXP Semiconductors
HEF40195B PHILIPS-HEF40195B Datasheet
77Kb / 8P
   4-bit universal shift register
January 1995
logo
National Semiconductor ...
93L00 NSC-93L00 Datasheet
113Kb / 8P
   4-Bit Universal Shift Register
logo
NXP Semiconductors
HEF4035B PHILIPS-HEF4035B Datasheet
98Kb / 8P
   4-bit universal shift register
January 1995
logo
List of Unclassifed Man...
4035B ETC1-4035B Datasheet
149Kb / 3P
   4-BIT UNIVERSAL SHIFT REGISTER
logo
National Semiconductor ...
54195 NSC-54195 Datasheet
242Kb / 3P
   UNIVERSAL 4-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com