Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14016BD Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14016BD
Szczegółowy opis  Quad Analog Switch/ Quad Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14016BD Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14016BD Datasheet HTML 1Page - ON Semiconductor MC14016BD Datasheet HTML 2Page - ON Semiconductor MC14016BD Datasheet HTML 3Page - ON Semiconductor MC14016BD Datasheet HTML 4Page - ON Semiconductor MC14016BD Datasheet HTML 5Page - ON Semiconductor MC14016BD Datasheet HTML 6Page - ON Semiconductor MC14016BD Datasheet HTML 7Page - ON Semiconductor MC14016BD Datasheet HTML 8Page - ON Semiconductor MC14016BD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC14016B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Figure Symbol
VDD
Vdc
− 55_C
25_C
125_C
Unit
Min
Max
Min
Typ (2)
Max
Min
Max
Input Voltage
Control Input
1
VIL
5.0
10
15
1.5
1.5
1.5
0.9
0.9
0.9
Vdc
VIH
5.0
10
15
3.0
8.0
13
2.0
6.0
11
Vdc
Input Current Control
Iin
15
± 0.1
± 0.00001
± 0.1
± 1.0
mAdc
Input Capacitance
Control
Switch Input
Switch Output
Feed Through
Cin
5.0
5.0
5.0
0.2
pF
Quiescent Current
(Per Package) (3)
2,3
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
mAdc
“ON” Resistance
(VC = VDD, RL = 10 kW)
(Vin = + 5.0 Vdc)
(Vin = − 5.0 Vdc) VSS = − 5.0 Vdc
(Vin = ± 0.25 Vdc)
4,5,6
RON
5.0
600
600
600
300
300
280
660
660
660
840
840
840
Ohms
(Vin = + 7.5 Vdc)
(Vin = − 7.5 Vdc) VSS = − 7.5 Vdc
(Vin = ± 0.25 Vdc)
7.5
360
360
360
240
240
180
400
400
400
520
520
520
(Vin = + 10 Vdc)
(Vin = + 0.25 Vdc) VSS = 0 Vdc
(Vin = + 5.6 Vdc)
10
600
600
600
260
310
310
660
660
660
840
840
840
(Vin = + 15 Vdc)
(Vin = + 0.25 Vdc) VSS = 0 Vdc
(Vin = + 9.3 Vdc)
15
360
360
360
260
260
300
400
400
400
520
520
520
D “ON” Resistance
Between any 2 circuits in a common
package
(VC = VDD)
(Vin = ± 5.0 Vdc, VSS = − 5.0 Vdc)
(Vin = ± 7.5 Vdc, VSS = − 7.5 Vdc)
DRON
5.0
7.5
15
10
Ohms
Input/Output Leakage Current
(VC = VSS)
(Vin = + 7.5, Vout = − 7.5 Vdc)
(Vin = − 7.5, Vout = + 7.5 Vdc)
7.5
7.5
± 0.1
± 0.1
± 0.0015
± 0.0015
± 0.1
± 0.1
± 1.0
± 1.0
mAdc
NOTE: All unused inputs must be returned to VDD or VSS as appropriate for the circuit application.
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. For voltage drops across the switch (DVswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e., the
current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the
Maximum Ratings are exceeded. (See first page of this data sheet.) Reference Figure 14.


Podobny numer części - MC14016BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14016BD MOTOROLA-MC14016BD Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016BD ONSEMI-MC14016BD Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016BDG ONSEMI-MC14016BDG Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14016BDR2 ONSEMI-MC14016BDR2 Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016BDR2G ONSEMI-MC14016BDR2G Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
More results

Podobny opis - MC14016BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com