Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14536B Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC14536B
Szczegółowy opis  Programmable Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14536B Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC14536B Datasheet HTML 3Page - ON Semiconductor MC14536B Datasheet HTML 4Page - ON Semiconductor MC14536B Datasheet HTML 5Page - ON Semiconductor MC14536B Datasheet HTML 6Page - ON Semiconductor MC14536B Datasheet HTML 7Page - ON Semiconductor MC14536B Datasheet HTML 8Page - ON Semiconductor MC14536B Datasheet HTML 9Page - ON Semiconductor MC14536B Datasheet HTML 10Page - ON Semiconductor MC14536B Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC14536B
http://onsemi.com
7
Figure 3. RC Oscillator Stability
Figure 4. RC Oscillator Frequency as a
Function of RTC and C
RS = 0, f = 10.15 kHz @ VDD = 10 V, TA = 25°C
RS = 120 kW, f = 7.8 kHz @ VDD = 10 V, TA = 25°C
RTC = 56 kW,
C = 1000 pF
VDD = 15 V
10 V
5.0 V
8.0
4.0
0
−4.0
−8.0
−12
−16
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)*
*Device Only.
TYPICAL RC OSCILLATOR CHARACTERISTICS
(For Circuit Diagram See Figure 13 In Application)
100
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
1.0 k
10 k
100 k
1.0 M
0.0001
0.001
0.01
0.1
RTC, RESISTANCE (W)
C, CAPACITANCE (mF)
f AS A FUNCTION
OF C
(RTC = 56 kW)
(RS = 120 k)
f AS A FUNCTION
OF RTC
(C = 1000 pF)
(RS ≈ 2RTC)
VDD = 10 V
Figure 5. Typical CX versus Pulse Width
@ VDD = 5.0 V
Figure 6. Typical CX versus Pulse Width
@ VDD = 10 V
100
0.1
1.0
10
1000
100
10
1.0
CX, EXTERNAL CAPACITANCE (pF)
RX = 100 kW
50 kW
10 kW
5 kW
TA = 25°C
VDD = 5 V
FORMULA FOR CALCULATING tW IN
MICROSECONDS IS AS FOLLOWS:
tW = 0.00247 • RX • (CX)0.85
WHERE R IS IN kW, CX IN pF.
1000
100
10
1.0
CX, EXTERNAL CAPACITANCE (pF)
100
0.1
1.0
10
FORMULA FOR CALCULATING tW IN
MICROSECONDS IS AS FOLLOWS:
tW = 0.00247 • RX • (CX)0.85
WHERE R IS IN kW, CX IN pF.
RX = 100 kW
50 kW
10 kW
5 kW
TA = 25°C
VDD = 10 V
Figure 7. Typical CX versus Pulse Width
@ VDD = 15 V
1000
100
10
1.0
CX, EXTERNAL CAPACITANCE (pF)
100
0.1
1.0
10
FORMULA FOR CALCULATING tW IN
MICROSECONDS IS AS FOLLOWS:
tW = 0.00247 • RX • (CX)0.85
WHERE R IS IN kW, CX IN pF.
RX = 100 kW
50 kW
10 kW
5 kW
TA = 25°C
VDD = 15 V
MONOSTABLE CHARACTERISTICS
(For Circuit Diagram See Figure 12 In Application)


Podobny numer części - MC14536B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
151Kb / 15P
   Programmable Timer
November, 2014 ??Rev. 14
logo
Motorola, Inc
MC14536BCL MOTOROLA-MC14536BCL Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536BCP ONSEMI-MC14536BCP Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
More results

Podobny opis - MC14536B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com