Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33033 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC33033
Szczegółowy opis  Brushless DC Motor Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33033 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC33033_07 Datasheet HTML 7Page - ON Semiconductor MC33033_07 Datasheet HTML 8Page - ON Semiconductor MC33033_07 Datasheet HTML 9Page - ON Semiconductor MC33033_07 Datasheet HTML 10Page - ON Semiconductor MC33033_07 Datasheet HTML 11Page - ON Semiconductor MC33033_07 Datasheet HTML 12Page - ON Semiconductor MC33033_07 Datasheet HTML 13Page - ON Semiconductor MC33033_07 Datasheet HTML 14Page - ON Semiconductor MC33033_07 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
MC33033, NCV33033
http://onsemi.com
11
60
°/120° Select
Output Enable
12
20
16
Q
S
CT
R
RT
Oscillator
13
ILimit
Error Amp
PWM
Thermal
Shutdown
Reference
Regulator
Lockout
Undervoltage
VCC
4
2
1
17
Gnd
8
9
11
7
10
3
14
18
19
6
5
Forward/Revers
e
Q
R
S
15
Faster
Noninv. Input
Rotor
Position
Decoder
Figure 19. Representative Block Diagram
VM
Top
Drive
Outputs
Bottom
Drive
Outputs
CB
Current Sense
Input
SA
BB
AB
SC
SB
Sensor Inputs
20 k
20 k
20 k
40 k
40 k
40 k
8.9 V
4.5 V
100 mV
Error Amp Out
PWM Input
Sink Only
Positive True
Logic With
Hysteresis
=
Latch
Latch
AT
BT
CT
Reference Output


Podobny numer części - MC33033_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33033DW ONSEMI-MC33033DW Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
MC33033P ONSEMI-MC33033P Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
More results

Podobny opis - MC33033_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com