Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33077P Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części MC33077P
Szczegółowy opis  Low Noise Dual Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33077P Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button MC33077P Datasheet HTML 5Page - ON Semiconductor MC33077P Datasheet HTML 6Page - ON Semiconductor MC33077P Datasheet HTML 7Page - ON Semiconductor MC33077P Datasheet HTML 8Page - ON Semiconductor MC33077P Datasheet HTML 9Page - ON Semiconductor MC33077P Datasheet HTML 10Page - ON Semiconductor MC33077P Datasheet HTML 11Page - ON Semiconductor MC33077P Datasheet HTML 12Page - ON Semiconductor MC33077P Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC33077
http://onsemi.com
9
VCC = +15 V
VEE = −15 V
RT = R1 + R2
VO = 0 V
TA = 25°C
Gain
Phase
125
°C and 25°C
−55
°C
VCC = +15 V
VEE = −15 V
DVin = 100 mV
Figure 28. Phase Margin versus
Output Voltage
Figure 29. Overshoot versus
Output Load Capacitance
Figure 30. Input Referred Noise Voltage
and Current versus Frequency
Figure 31. Total Input Referred Noise Voltage
versus Source Resistant
Figure 32. Phase Margin and Gain Margin
versus Differential Source Resistance
Figure 33. Inverting Amplifier Slew Rate
VO, OUTPUT VOLTAGE (V)
VCC = +15 V
VEE = −15 V
TA = 25°C
CL = 0 pF
CL = 100 pF
CL = 300 pF
CL = 500 pF
CL, OUTPUT LOAD CAPACITANCE (pF)
f, FREQUENCY (Hz)
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
VCC = +15 V
f = 1.0 kHz
VEE = −15 V
TA = 25°C
Vn (total) =
RS, SOURCE RESISTANCE (W)
0
10
20
30
40
50
60
70
RT, DIFFERENTIAL SOURCE RESISTANCE (W)
t, TIME (2.0
ms/DIV)
70
60
50
40
30
20
10
0
100
80
60
40
20
0
100
50
30
20
10
5.0
3.0
2.0
1.0
1000
100
10
1.0
14
12
10
8.0
6.0
4.0
2.0
0
−10
−5.0
0
5.0
10
1
10
100
1000
1.0
10
100
1.0 k
10 k
100 k
10
100
1.0 k
10 k
100 k
1.0 M
1.0
10
100
1.0 k
10 k
Vin
VO
CL
2.0k
W
+
VO
100pF
2.0k
W
+
DVin
VCC = +15 V
VEE = −15 V
TA = 25°C
Voltage
Current
R2
VO
+
Vin
R1
(inRs)
2 ) en2 ) 4KTRS
VCC = +15 V
VEE = −15 V
AV = −1.0
RL = 2.0 kW
CL = 100 pF
TA = 25°C


Podobny numer części - MC33077P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33077P ONSEMI-MC33077P Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
More results

Podobny opis - MC33077P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com