Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33077P Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC33077P
Szczegółowy opis  Low Noise Dual Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33077P Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC33077P Datasheet HTML 1Page - ON Semiconductor MC33077P Datasheet HTML 2Page - ON Semiconductor MC33077P Datasheet HTML 3Page - ON Semiconductor MC33077P Datasheet HTML 4Page - ON Semiconductor MC33077P Datasheet HTML 5Page - ON Semiconductor MC33077P Datasheet HTML 6Page - ON Semiconductor MC33077P Datasheet HTML 7Page - ON Semiconductor MC33077P Datasheet HTML 8Page - ON Semiconductor MC33077P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC33077
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = −10 V to +10 V, RL = 2.0 kW, CL = 100 pF, AV = +1.0)
SR
8.0
11
V/
ms
Gain Bandwidth Product (f = 100 kHz)
GBW
25
37
MHz
AC Voltage Gain (RL = 2.0 kW, VO = 0 V)
f = 100 kHz
f = 20 kHz
AVO
370
1850
V/V
Unity Gain Bandwidth (Open Loop)
BW
7.5
MHz
Gain Margin (RL = 2.0 kW, CL = 10 pF)
Am
10
dB
Phase Margin (RL = 2.0 kW, CL = 10 pF)
m
55
Deg
Channel Separation (f = 20 Hz to 20 kHz, RL = 2.0 kW, VO = 10 Vpp)
CS
−120
dB
Power Bandwidth (VO = 27p−p, RL = 2.0 kW, THD ≤ 1%)
BWp
200
kHz
Distortion (RL = 2.0 kW)
AV = +1.0, f = 20 Hz to 20 kHz
VO = 3.0 VRMS
AV = 2000, f = 20 kHz
VO = 2.0 Vpp
VO = 10 Vpp
AV = 4000, f = 100 kHz
VO = 2.0 Vpp
VO = 10 Vpp
THD
0.007
0.215
0.242
0.3.19
0.316
%
Open Loop Output Impedance (VO = 0 V, f = fU)
|ZO|
36
W
Differential Input Resistance (VCM = 0 V)
Rin
270
k
W
Differential Input Capacitance (VCM = 0 V)
Cin
15
pF
Equivalent Input Noise Voltage (RS = 100 W)
f = 10 Hz
f = 1.0 kHz
en
6.7
4.4
nV/ Hz
Equivalent Input Noise Current (f = 1.0 kHz)
f = 10 Hz
f = 1.0 kHz
in
1.3
0.6
pA/ Hz
Figure 2. Maximum Power Dissipation
versus Temperature
Figure 3. Input Bias Current
versus Supply Voltage
TA, AMBIENT TEMPERATURE (°C)
MC33077P
MC33077D
VCC, |VEE|, SUPPLY VOLTAGE (V)
VCM = 0 V
TA = 25°C
2400
2000
1600
1200
800
400
0
800
600
400
200
0
−60 −40 −20
0
20
40
60
80
100 120 140 160 180
0
2.5
5.0
7.5
10
12.5
15
17.5
20


Podobny numer części - MC33077P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33077P ONSEMI-MC33077P Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
More results

Podobny opis - MC33077P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com