Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MC33340_05 Datasheet(Arkusz danych) 2 Page - ON Semiconductor

Numer części MC33340_05
Szczegółowy opis  Battery Fast Charge Controllers
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo 

 
 2 page
background image
MC33340, MC33342
http://onsemi.com
2
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Power Supply Voltage (Pin 8)
VCC
18
V
Input Voltage Range
V
Time/Temperature Select (Pins 5, 6, 7)
VIR(t/T)
−1.0 to VCC
Battery Sense, (Note 2) (Pin 1)
VIR(sen)
−1.0 to VCC + 0.6 or −1.0 to 10
Vsen Gate Output (Pin 2)
Voltage
Current
VO(gate)
IO(gate)
20
50
V
mA
Fast/Trickle Output (Pin 3)
Voltage
Current
VO(F/T)
IO(F/T)
20
50
V
mA
Thermal Resistance, Junction−to−Air
RqJA
°C/W
P Suffix, DIP Plastic Package, Case 626
100
D Suffix, SO−8 Plastic Package, Case 751
178
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 3)
TA
−25 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015
Machine Model Method 400 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MAX712_02NiCd/NiMH Battery Fast-Charge Controllers 1 2 3 4 5 MoreMaxim Integrated Products
DS1345Y1024k Nonvolatile SRAM with Battery Monitor 1 2 3 4 5 MoreMaxim Integrated Products
STB80NF10N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD55NH2LL_06N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
MAX11014Automatic RF MESFET Amplifier Drain-Current Controllers 1 2 3 4 5 MoreMaxim Integrated Products
TPS2070_07FOUR-PORT USB HUB POWER CONTROLLERS 1 2 3 4 5 MoreTexas Instruments
ADCMP600Rail-to-Rail Very Fast 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparators 1 2 3 4 5 MoreAnalog Devices
FDC37C67XEnhanced Super I/O Controller with Fast IR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
1S1834FAST RECOVERY RECTIFIER 1 2 List of Unclassifed Manufacturers
74F283_044-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl