Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSD42WT1 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MSD42WT1
Szczegółowy opis  NPN Silicon General Purpose High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSD42WT1 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MSD42WT1 Datasheet HTML 1Page - ON Semiconductor MSD42WT1 Datasheet HTML 2Page - ON Semiconductor MSD42WT1 Datasheet HTML 3Page - ON Semiconductor MSD42WT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSD42WT1, MSD42T1
http://onsemi.com
2
Figure 1. DC Current Gain
VR, REVERSE VOLTAGE (VOLTS)
0.1
100
0.1
10
1.0
10
1000
Ceb @ 1MHz
Figure 2. Capacitance
IC, COLLECTOR CURRENT (mA)
1.4
0.0
1.2
1.0
0.8
0.6
0.4
0.2
100
10
0.1
1.0
100
1.0
Ccb @ 1MHz
VBE(on) @ 25°C, VCE = 10 V
VCE(sat) @ 25°C, IC/IB = 10
VBE(sat) @ 25°C, IC/IB = 10
VCE(sat) @ 125°C, IC/IB = 10
VCE(sat) @ −55°C, IC/IB = 10
VBE(sat) @ 125°C, IC/IB = 10
VBE(sat) @ −55°C, IC/IB = 10
VBE(on) @ 125°C, VCE = 10 V
VBE(on) @ −55°C, VCE = 10 V
Figure 3. “ON” Voltages
IC, COLLECTOR CURRENT (mA)
120
0.1
1.0
10
100
80
60
0
TJ = +125°C
25°C
−55°C
VCE = 10 Vdc
100
20
40


Podobny numer części - MSD42WT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MSD42WT1 MOTOROLA-MSD42WT1 Datasheet
77Kb / 4P
   NPN GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSD42WT1G ONSEMI-MSD42WT1G Datasheet
130Kb / 4P
   NPN Silicon General Purpose High Voltage Transistors
May, 2010 ??Rev. 7
MSD42WT1G ONSEMI-MSD42WT1G Datasheet
94Kb / 4P
   NPN High Voltage Transistors
June, 2013 ??Rev. 11
MSD42WT1G ONSEMI-MSD42WT1G_10 Datasheet
130Kb / 4P
   NPN Silicon General Purpose High Voltage Transistors
May, 2010 ??Rev. 7
MSD42WT1G ONSEMI-MSD42WT1G_13 Datasheet
94Kb / 4P
   NPN High Voltage Transistors
June, 2013 ??Rev. 11
More results

Podobny opis - MSD42WT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MSD42T1G ONSEMI-MSD42T1G_13 Datasheet
90Kb / 4P
   NPN Silicon General Purpose High Voltage Transistors
April, 2013 ??Rev. 0
MSD42WT1G ONSEMI-MSD42WT1G_10 Datasheet
130Kb / 4P
   NPN Silicon General Purpose High Voltage Transistors
May, 2010 ??Rev. 7
logo
Micro Electronics
MPS-A42 MICRO-ELECTRONICS-MPS-A42 Datasheet
115Kb / 2P
   NPN SILICON GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com