Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 1N4001
Szczegółowy opis  General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4001 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  1N4001_03 Datasheet HTML 1Page - Fairchild Semiconductor 1N4001_03 Datasheet HTML 2Page - Fairchild Semiconductor 1N4001_03 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4001-1N4007, Rev. C1
2003 Fairchild Semiconductor Corporation
1N4001 - 1N4007
General Purpose Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
Low forward voltage drop.
High surge current capability.
Symbol
Parameter
Device
Units
4001
4002
4003
4004
4005 4006 4007
V
F
Forward Voltage @ 1.0 A
1.1
V
Irr
Maximum Full Load Reverse Current, Full
Cycle
T
A = 75°C
30
µA
I
R
Reverse Current @ rated V
R TA = 25°C
T
A = 100°C
5.0
500
µA
µA
CT
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
15
pF
DO-41
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Value
Units
4001
4002
4003
4004
4005 4006 4007
VRRM
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current,
.375 " lead length @ TA = 75°C
1.0
A
I
FSM
Non-repetitive Peak Forward Surge
Current
8.3 ms Single Half-Sine-Wave
30
A
T
stg
Storage Temperature Range
-55 to +175
°C
TJ
Operating Junction Temperature
-55 to +175
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
3.0
W
RθJA
Thermal Resistance, Junction to Ambient
50
°C/W
Thermal Characteristics


Podobny numer części - 1N4001_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
1N4001 ONSEMI-1N4001_05 Datasheet
45Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
logo
Won-Top Electronics
1N4001 WTE-1N4001_06 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Semikron International
1N4001 SEMIKRON-1N4001_06 Datasheet
128Kb / 2P
   Standard silicon rectifier diodes
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_07 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Fairchild Semiconductor
1N4001 FAIRCHILD-1N4001_09 Datasheet
176Kb / 3P
   General Purpose Rectifiers
More results

Podobny opis - 1N4001_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
   General Purpose Rectifiers
logo
NXP Semiconductors
PS07J PHILIPS-PS07J Datasheet
51Kb / 9P
   General purpose rectifiers
Rev. 02-26 July 2004
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com