Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG16VSMNG Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części NBSG16VSMNG
Szczegółowy opis  2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16VSMNG Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button NBSG16VSMNG Datasheet HTML 2Page - ON Semiconductor NBSG16VSMNG Datasheet HTML 3Page - ON Semiconductor NBSG16VSMNG Datasheet HTML 4Page - ON Semiconductor NBSG16VSMNG Datasheet HTML 5Page - ON Semiconductor NBSG16VSMNG Datasheet HTML 6Page - ON Semiconductor NBSG16VSMNG Datasheet HTML 7Page - ON Semiconductor NBSG16VSMNG Datasheet HTML 8Page - ON Semiconductor NBSG16VSMNG Datasheet HTML 9Page - ON Semiconductor NBSG16VSMNG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NBSG16VS
http://onsemi.com
6
Table 6. DC CHARACTERISTICS, INPUT WITH VARIABLE PECL OUTPUT VCC = 3.3 V; VEE = 0 V (Note 18)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
20
27
34
20
27
34
20
27
34
mA
VOH
Output HIGH Voltage (Note 13)
2095
2220
2345
2085
2210
2335
2075
2200
2325
mV
VOL
Output LOW Voltage (Note 13)
(Max Swing)
(VCTRL = VCC − 600 mV)
1275
1750
1395
1870
1515
1990
1285
1730
1405
1850
1525
1970
1295
1715
1415
1835
1535
1955
mV
VIH
Input HIGH Voltage
(Single−Ended) (Notes 15 and 16)
VTHR
+ 75
VCC
1000*
VCC
VTHR
+ 75
VCC
1000*
VCC
VTHR
+ 75
VCC
1000*
VCC
mV
VIL
Input LOW Voltage
(Single−Ended) (Notes 15 and 17)
VIH
2500
VCC
1400*
VTHR
− 75
VIH
2500
VCC
1400*
VTHR
− 75
VIH
2500
VCC
1400*
VTHR
− 75
mV
VBB
PECL Output Voltage Reference
1880
1940
2000
1880
1940
2000
1880
1940
2000
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Note 14)
(Differential Configuration)
1.2
3.3
1.2
3.3
1.2
3.3
V
VMM
CMOS Output Voltage Reference
(VCC − VEE)/2
1500
1650
1800
1500
1650
1800
1500
1650
1800
mV
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@ VIH)
30
100
30
100
30
100
mA
IIL
Input LOW Current (@ VIL)
25
50
25
50
25
50
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
*Typicals used for testing purposes.
13. All loading with 50
W to VCC − 2.0 V. VOH/VOL measured at VIH/VIL.
14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
15. VTHR is the voltage applied to the complementary input, typically VBB or VMM. VTHR(MIN) = VIHCMR + 75 mV. VTHR(MAX) = VIHCMR − 75 mV.
16. VIH cannot exceed VCC.
17. VIL always w VEE.
18. Input and output parameters vary 1:1 with VCC. VEE can vary +0.925 V to −0.165 V.


Podobny numer części - NBSG16VSMNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG16 ONSEMI-NBSG16 Datasheet
160Kb / 12P
   SiGe Differential Receiver/Driver
June, 2014 ??Rev. 20
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16BA ONSEMI-NBSG16BA Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
More results

Podobny opis - NBSG16VSMNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16VS MICREL-SY100EL16VS Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
Semtech Corporation
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
List of Unclassifed Man...
AZ100EL16VS ETC2-AZ100EL16VS_06 Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com