Zakładka z wyszukiwarką danych komponentów |
|
NBSG86ABA Arkusz danych(PDF) 9 Page - ON Semiconductor |
|
NBSG86ABA Arkusz danych(HTML) 9 Page - ON Semiconductor |
9 / 14 page NBSG86A http://onsemi.com 9 Table 13. AC CHARACTERISTICS for FCBGA−16 VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V Symbol Characteristic −40 °C 25 °C 70 °C Unit Min Typ Max Min Typ Max Min Typ Max fmax Maximum Frequency (See Figure 8) (Note 25) 7 8 7 8 7 8 GHz VOUTPP Output Voltage Amplitude (OLS = VCC)fin v 7 GHz 550 740 500 720 450 700 mV tPLH, tPHL Propagation Delay to Output Differential D/SEL → Q 110 160 210 115 165 215 120 170 220 ps tSKEW Duty Cycle Skew (Note 26) 5 15 5 15 5 15 ps tSKEW Channel Skew Q → D/SEL 5 20 5 20 5 20 ps tJITTER RMS Random Clock Jitter (See Figure 8) (Note 25) fin v 7 GHz Peak−to−Peak Data Dependent Jitter fin v 7 Gb/s 0.5 12 1.5 0.5 12 1.5 0.5 12 1.5 ps VINPP Input Voltage Swing/Sensitivity (Differential Configuration) (Note 27) 75 2600 75 2600 75 2600 mV tr tf Output Rise/Fall Times (20% − 80%) (Q, Q) @ 1 GHz 20 40 65 20 40 65 20 40 65 ps 25. Measured using a 500 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. Input edge rates 40 ps (20% − 80%). 26. tSKEW = |tPLH − tPHL| for a nominal 50% differential clock input waveform. See Figure 12. 27. VINPP (max) cannot exceed VCC − VEE. Table 14. AC CHARACTERISTICS for QFN−16 VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V Symbol Characteristic −40 °C 25 °C 85 °C Unit Min Typ Max Min Typ Max Min Typ Max fmax Maximum Frequency (See Figure 8) (Note 28) 7 8 7 8 7 8 GHz VOUTPP Output Voltage Amplitude fin v 7 GHz (OLS = VCC)fin = 8 GHz 590 270 730 440 470 230 720 420 540 180 700 390 mV mV tPLH, tPHL Propagation Delay to Output Differential D/SEL → Q 110 160 210 115 165 215 120 170 220 ps tSKEW Duty Cycle Skew (Note 29) 5 15 5 15 5 15 ps tSKEW Channel Skew Q → D/SEL 5 20 5 20 5 20 ps tJITTER RMS Random Clock Jitter (See Figure 8) (Note 31) fin v 7 GHz Peak−to−Peak Data Dependent Jitter (Note 32) fin v 7 Gb/s 0.5 12 1.5 0.5 12 1.5 0.5 12 1.5 ps VINPP Input Voltage Swing/Sensitivity (Differential Configuration) (Note 30) 75 2600 75 2600 75 2600 mV tr tf Output Rise/Fall Times (20% − 80%) (Q, Q) tr @ 1 GHz tf 30 17 45 35 60 65 30 17 45 35 60 65 30 17 45 35 60 65 ps 28. Measured using a 500 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. Input edge rates 40 ps (20% − 80%). 29. tSKEW = |tPLH − tPHL| for a nominal 50% differential clock input waveform. See Figure 12. 30. VINPP (max) cannot exceed VCC − VEE. 31. Additive RMS jitter with 50% duty cycle clock signal at 7 GHz. 32. Additive Peak−to−Peak data dependent jitter with NRZ PRBS 231−1 data rate at 7 Gb/s. |
Podobny numer części - NBSG86ABA |
|
Podobny opis - NBSG86ABA |