Zakładka z wyszukiwarką danych komponentów |
|
NBSG86ABAR2 Arkusz danych(PDF) 8 Page - ON Semiconductor |
|
NBSG86ABAR2 Arkusz danych(HTML) 8 Page - ON Semiconductor |
8 / 14 page NBSG86A http://onsemi.com 8 Table 12. DC CHARACTERISTICS, NECL INPUT WITH NECL OUTPUT VCC = 0 V; VEE = −3.465 V to −2.375 V (Note 20) Symbol Characteristic −40 °C 25 °C 70 °C(BGA)/85°C(QFN)*** Unit Min Typ Max Min Typ Max Min Typ Max IEE Negative Power Supply Current 23 30 39 23 30 39 23 30 39 mA VOH Output HIGH Voltage (Note 21) −1040 −990 −940 −1010 −960 −910 −985 −935 −885 mV VOL Output LOW Voltage (Note 21) −3.465 V v VEE v −3.0 V (OLS = VCC) (OLS = VCC − 0.4 V) (OLS = VCC − 0.8 V, OLS =FLOAT) (OLS = VCC − 1.2 V) **(OLS = VEE) −3.0 V < VEE v −2.375 V (OLS = VCC) (OLS = VCC − 0.4 V) (OLS = VCC − 0.8 V, OLS =FLOAT) (OLS = VCC − 1.2 V) (OLS = VEE) −1980 −1270 −1750 −1040 −1515 −1945 −1265 −1725 −1045 −1495 −1830 −1210 −1630 −990 −1425 −1795 −1205 −1605 −995 −1405 −1680 −1120 −1510 −910 −1305 −1645 −1115 −1485 −915 −1285 −1940 −1235 −1715 −1010 −1480 −1905 −1230 −1690 −1010 −1460 −1790 −1175 −1595 −960 −1390 −1755 −1170 −1570 −960 −1370 −1640 −1085 −1475 −880 −1270 −1605 −1080 −1450 −880 −1250 −1910 −1210 −1685 −985 −1450 −1875 −1205 −1660 −990 −1435 −1760 −1150 −1565 −935 −1360 −1725 −1145 −1540 −940 −1345 −1610 −1060 −1445 −855 −1240 −1575 −1055 −1420 −860 −1225 mV VOUTPP Output Voltage Amplitude −3.465 V v VEE v −3.0 V (OLS = VCC) (OLS = VCC − 0.4 V) (OLS = VCC − 0.8 V, OLS = FLOAT) (OLS = VCC − 1.2 V) **(OLS = VEE) −3.0 V < VEE v −2.375 V (OLS = VCC) (OLS = VCC − 0.4 V) (OLS = VCC − 0.8 V, OLS =FLOAT) (OLS = VCC − 1.2 V) (OLS = VEE) 705 130 535 0 345 670 125 510 0 325 815 220 640 0 435 800 215 615 5 415 695 125 530 0 340 660 120 505 0 320 805 215 635 0 430 795 210 610 0 410 690 125 525 0 335 655 120 500 0 320 800 215 630 0 425 790 210 605 5 410 mV VIH Input HIGH Voltage (Single−Ended) (Note 23) D, D VEE + 1275 VCC − 1000* VCC VEE + 1275 VCC − 1000* VCC VEE + 1275 VCC − 1000* VCC mV VIL Input LOW Voltage (Single−Ended) (Note 24) D, D VIH− 2600 VCC− 1400* VIH− 150 VIH− 2600 VCC− 1400* VIH− 150 VIH− 2600 VCC− 1400* VIH− 150 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 22) VEE+1.2 0.0 VEE+1.2 0.0 VEE+1.2 0.0 V RTIN Internal Input Termination Resistor 45 50 55 45 50 55 45 50 55 W IIH Input HIGH Current (@VIH) D, D SEL 30 5 100 50 30 5 100 50 30 5 100 50 mA IIL Input LOW Current (@VIL) D, D SEL 20 5 100 50 20 5 100 50 20 5 100 50 mA NOTE: GigaComm circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. 20. Input and output parameters vary 1:1 with VCC. 21. All loading with 50 W to VCC − 2.0 V. 22. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. 23. VIH cannot exceed VCC. 24. VIL always w VEE. *Typicals used for testing purposes. **When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE. ***The device packaged in FCBGA−16 have maximum ambient temperature specification of 70 °C and devices packaged in QFN−16 have maximum ambient temperature specification of 85 °C. |
Podobny numer części - NBSG86ABAR2 |
|
Podobny opis - NBSG86ABAR2 |