Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATTINY261 Arkusz danych(PDF) 11 Page - ATMEL Corporation

Numer części ATTINY261
Szczegółowy opis  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY261 Arkusz danych(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY261_06 Datasheet HTML 7Page - ATMEL Corporation ATTINY261_06 Datasheet HTML 8Page - ATMEL Corporation ATTINY261_06 Datasheet HTML 9Page - ATMEL Corporation ATTINY261_06 Datasheet HTML 10Page - ATMEL Corporation ATTINY261_06 Datasheet HTML 11Page - ATMEL Corporation ATTINY261_06 Datasheet HTML 12Page - ATMEL Corporation ATTINY261_06 Datasheet HTML 13Page - ATMEL Corporation ATTINY261_06 Datasheet HTML 14Page - ATMEL Corporation ATTINY261_06 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
2588BS–AVR–11/06
ATtiny261/461/861
6.
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For Speed vs. VCC,see Figure 23.3 on page 187
6.1
ATtiny261
Speed (MHz)(3)
Power Supply
Ordering Code(2)
Package(1)
Operational Range
10
1.8 - 5.5V
ATtiny261V-10MU
ATtiny261V-10PU
ATtiny261V-10SU
32M1-A
20P3
20S2
Industrial
(-40
°C to 85°C)
20
2.7 - 5.5V
ATtiny261-20MU
ATtiny261-20PU
ATtiny261-20SU
32M1-A
20P3
20S2
Industrial
(-40
°C to 85°C)
Package Type
32M1-A
32-pad, 5 x 5 x 1.0 mm Body, Lead Pitch 0.50 mm, Micro Lead Frame Package (MLF)
20P3
20-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
20S2
20-lead, 0.300" Wide, Plastic Gull Wing Small Outline Package (SOIC)


Podobny numer części - ATTINY261_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATTINY261_0611 ATMEL-ATTINY261_0611 Datasheet
2Mb / 236P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results

Podobny opis - ATTINY261_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_09 Datasheet
3Mb / 196P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261A ATMEL-ATTINY261A_1 Datasheet
8Mb / 292P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-15SZ ATMEL-ATTINY25-15SZ Datasheet
3Mb / 196P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY861A-SU ATMEL-ATTINY861A-SU Datasheet
612Kb / 22P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25 Datasheet
146Kb / 16P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_1 Datasheet
4Mb / 236P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_09 Datasheet
544Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_07 Datasheet
287Kb / 21P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com