Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1870AR Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD1870AR
Szczegółowy opis  Single-Supply 16-Bit Stereo ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1870AR Arkusz danych(HTML) 4 Page - Analog Devices

  AD1870AR Datasheet HTML 1Page - Analog Devices AD1870AR Datasheet HTML 2Page - Analog Devices AD1870AR Datasheet HTML 3Page - Analog Devices AD1870AR Datasheet HTML 4Page - Analog Devices AD1870AR Datasheet HTML 5Page - Analog Devices AD1870AR Datasheet HTML 6Page - Analog Devices AD1870AR Datasheet HTML 7Page - Analog Devices AD1870AR Datasheet HTML 8Page - Analog Devices AD1870AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TEMPERATURE RANGE
Min
Typ
Max
Unit
Specifications Guaranteed
+25
°C
Functionality Guaranteed
–40
+85
°C
Storage
–60
+100
°C
DIGITAL FILTER CHARACTERISTICS
Min
Typ
Max
Unit
Decimation Factor
64
Pass-Band Ripple
0.006
dB
Stop-Band
* Attenuation
90
dB
48 kHz fS (at Recommended Crystal Frequencies)
Pass Band
0
21.6
kHz
Stop Band
26.4
kHz
44.1 kHz fS (at Recommended Crystal Frequencies)
Pass Band
0
20
kHz
Stop Band
24.25
kHz
32 kHz fS (at Recommended Crystal Frequencies)
Pass Band
0
14.4
kHz
Stop Band
17.6
kHz
Other fS
Pass Band
0
0.45
fS
Stop Band
0.55
fS
Group Delay
36/fS
s
Group Delay Variation
0
µs
*Stop band repeats itself at multiples of 64
× fS, where fS is the output word rate. Thus the digital filter will attenuate to 0 dB across the frequency spectrum except
for a range
± 0.55 × fS wide at multiples of 64 × fS.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Min
Typ
Max
Unit
DVDD1 to DGND1 and DVDD2 to DGND2
0
+6
V
AVDD to AGND/AGNDL/AGNDR
0
+6
V
Digital Inputs
DGND – 0.3
DVDD + 0.3
V
Analog Inputs
AGND – 0.3
AVDD + 0.3
V
AGND to DGND
–0.3
+0.3
V
Reference Voltage
Indefinite Short Circuit to Ground
Soldering (10 sec)
+300
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1870 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
–4–
REV. A
ORDERING GUIDE
Package
Package
Model
Temperature
Description
Option
AD1870AR
–40
°C to +85°C
SOIC
R-28
AD1870AR–REEL
–40
°C to +85°C
SOIC
R-28 in 13
” Reel (1000 pcs.)
EVAL-AD1870EB
Evaluation Board
AD1870


Podobny numer części - AD1870AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870JR AD-AD1870JR Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results

Podobny opis - AD1870AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com