Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8042 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8042
Szczegółowy opis  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8042 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8042 Datasheet HTML 7Page - Analog Devices AD8042 Datasheet HTML 8Page - Analog Devices AD8042 Datasheet HTML 9Page - Analog Devices AD8042 Datasheet HTML 10Page - Analog Devices AD8042 Datasheet HTML 11Page - Analog Devices AD8042 Datasheet HTML 12Page - Analog Devices AD8042 Datasheet HTML 13Page - Analog Devices AD8042 Datasheet HTML 14Page - Analog Devices AD8042 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8042
Rev. D | Page 11 of 16
5V
4V
3V
2V
1V
0V
VS = 5V
G = –1
RL = 150Ω TO 2.5V
0.5V
200µs
4.770V
0.160V
Figure 29. Output Swing with Load Reference to Supply Midpoint
5V
4V
3V
2V
1V
0V
0.5V
4.59V
VS = 5V
G = –1
RL = 150Ω TO GND
0.035V
200µs
Figure 30. Output Swing with Load Reference to Negative to Supply
4.5V
3.5V
2.5V
1.5V
0.5V
0.5V
AV = 2
VS = 5V
CL = 5pF
RL = 1kΩ TO 2.5V
VIN = 1V p-p
10ns
Figure 31. 1 V Pulse Response, VS = +5 V
2.6V
2.5V
2.4V
AV = 1
VS = 5V
VIN = 100mV p-p
CL = 5pF
RL = 1kΩ TO 2.5V
10ns
25mV
Figure 32. 100 mV Pulse Response, VS = +5 V
3.0V
1.5V
0V
G = –1
RL = 2kΩ TO 1.5V
1µs
0.5V
Figure 33. Rail-to-Rail Output Swing, VS = +3 V
1.6V
1.5V
1.4V
AV = 1
VS = 3V
VIN = 100mV p-p
CL = 5pF
RL = 1kΩ TO 1.5V
10ns
25mV
Figure 34. 100 mV Pulse Response, VS = +3 V


Podobny numer części - AD8042

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042 AD-AD8042 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042ACHIPS AD-AD8042ACHIPS Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042ACHIPS AD-AD8042ACHIPS Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042AN AD-AD8042AN Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
More results

Podobny opis - AD8042

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com