Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATMEGA103 Arkusz danych(PDF) 78 Page - ATMEL Corporation

Numer części ATMEGA103
Szczegółowy opis  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA103 Arkusz danych(HTML) 78 Page - ATMEL Corporation

Back Button ATMEGA103_07 Datasheet HTML 74Page - ATMEL Corporation ATMEGA103_07 Datasheet HTML 75Page - ATMEL Corporation ATMEGA103_07 Datasheet HTML 76Page - ATMEL Corporation ATMEGA103_07 Datasheet HTML 77Page - ATMEL Corporation ATMEGA103_07 Datasheet HTML 78Page - ATMEL Corporation ATMEGA103_07 Datasheet HTML 79Page - ATMEL Corporation ATMEGA103_07 Datasheet HTML 80Page - ATMEL Corporation ATMEGA103_07 Datasheet HTML 81Page - ATMEL Corporation ATMEGA103_07 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 141 page
background image
78
ATmega103(L)
0945I–AVR–02/07
Operation
The ADC operates in Single Conversion mode, and each conversion will have to be ini-
tiated by the user.
The ADC is enabled by writing a logical “1” to the ADC Enable bit, ADEN in ADCSR.
The first conversion that is started after enabling the ADC will be preceded by a dummy
conversion to initialize the ADC. To the user, the only difference will be that this conver-
sion takes 13 more ADC clock pulses than a normal conversion (see Figure 48).
A conversion is started by writing a logical “1” to the ADC Start Conversion bit, ADSC.
This bit will stay high as long as the conversion is in progress and be set to zero by hard-
ware when the conversion is completed. If a different data channel is selected while a
conversion is in progress, the ADC will finish the current conversion before performing
the channel change.
As the ADC generates a 10-bit result, two Data Registers, ADCH and ADCL, must be
read to get the result when the conversion is complete. Special data protection logic is
used to ensure that the contents of the Data Registers belong to the same result when
they are read. This mechanism works as follows:
When reading data, ADCL must be read first. Once ADCL is read, ADC access to Data
Registers is blocked. This means that if ADCL has been read, and a conversion com-
pletes before ADCH is read, none of the registers are updated and the result from the
conversion is lost. When ADCH is read, ADC access to the ADCH and ADCL Registers
is re-enabled.
The ADC has its own interrupt, ADIF, which can be triggered when a conversion com-
pletes. When ADC access to the Data Registers is prohibited between reading of ADCL
and ADCH, the interrupt will trigger even if the result is lost.
Prescaling
Figure 46. ADC Prescaler
The ADC contains a prescaler, which divides the system clock to an acceptable ADC
clock frequency. The ADC accepts input clock frequencies in the range 50 - 200 kHz.
Applying a higher input frequency will result in poorer accuracy (see “ADC DC Charac-
teristics” on page 83).
The ADPS0 - ADPS2 bits in ADCSR are used to generate a proper ADC clock input fre-
quency from any XTAL frequency above 100 kHz. The prescaler starts counting from
the moment the ADC is switched on by setting the ADEN bit in ADCSR. The prescaler
7-BIT ADC PRESCALER
ADC CLOCK SOURCE
CK
ADPS0
ADPS1
ADPS2
Reset
ADEN


Podobny numer części - ATMEGA103_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA103-6AC ATMEL-ATMEGA103-6AC Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA103-6AI ATMEL-ATMEGA103-6AI Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA103L ATMEL-ATMEGA103L Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA103L-4AC ATMEL-ATMEGA103L-4AC Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA103L-4AI ATMEL-ATMEGA103L-4AI Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
More results

Podobny opis - ATMEGA103_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA1284P ATMEL-ATMEGA1284P_1 Datasheet
6Mb / 380P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P_09 Datasheet
374Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059DS-AVR-11/09
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128 Datasheet
360Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_06 Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128A ATMEL-ATMEGA128A_10 Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
416Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059BS-AVR-05/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com