Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ATMEGA103_07 Datasheet(Arkusz danych) 3 Page - ATMEL Corporation

Numer części ATMEGA103_07
Szczegółowy opis  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Pobierz  141 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo 

 
 3 page
background image
3
ATmega103(L)
0945I–AVR–02/07
Description
The ATmega103(L) is a low-power, CMOS, 8-bit microcontroller based on the AVR
RISC architecture. By executing powerful instructions in a single clock cycle, the
ATmega103(L) achieves throughputs approaching 1 MIPS per MHz, allowing the sys-
tem designer to optimize power consumption versus processing speed.
The AVR core is based on an enhanced RISC architecture that combines a rich instruc-
tion set with 32 general purpose working registers. All the 32 registers are directly
connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be
accessed in one single instruction executed in one clock cycle. The resulting architec-
ture is more code efficient while achieving throughputs up to ten times faster than
conventional CISC microcontrollers.
The ATmega103(L) provides the following features: 128K bytes of In-System Program-
mable Flash, 4K bytes EEPROM, 4K bytes SRAM, 32 general purpose I/O lines, 8 input
lines, 8 output lines, 32 general purpose working registers, Real Time Counter (RTC), 4
flexible Timer/Counters with compare modes and PWM, UART, programmable Watch-
dog Timer with internal Oscillator, an SPI serial port and 3 software-selectable power
saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counters,
SPI port and interrupt system to continue functioning. The Power-down mode saves the
register contents but freezes the Oscillator, disabling all other chip functions until the
next Interrupt or Hardware Reset. In Power-save mode, the Timer Oscillator continues
to run, allowing the user to maintain a timer base while the rest of the device is sleeping.
The device is manufactured using Atmel’s high-density nonvolatile memory technology.
The On-chip ISP Flash allows the Program memory to be reprogrammed In-System
through a serial interface or by a conventional nonvolatile memory programmer. By
combining an 8-bit RISC CPU with a large array of ISP Flash on a monolithic chip, the
Atmel ATmega103(L) is a powerful microcontroller that provides a highly flexible and
cost-effective solution to many embedded control applications.
The ATmega103(L) AVR is supported with a full suite of program and system develop-
ment tools including: C compilers, macro assemblers, program debugger/simulators, In-
Circuit Emulators and evaluation kits.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ATMEGA128_068-bit Microcontroller with 128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY24_078-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA64_068-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA164P_078-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA8515_068-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA169P_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA32_068-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA162_078-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165P_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA169V_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL