Zakładka z wyszukiwarką danych komponentów |
|
LC-1250A4F2 Arkusz danych(PDF) 2 Page - Delta Electronics, Inc. |
|
LC-1250A4F2 Arkusz danych(HTML) 2 Page - Delta Electronics, Inc. |
2 / 9 page LC-1250xxxxRx Series DELTA ELECTRONICS, INC. 2 Sep., 2006 Rev. 0E www.deltaww.com Absolute Maximum Ratings Parameter Symbol Min. Typ. Max. Unit Note Storage Temperature Ts -40 85 ºC Lead Soldering Temperature TSOLD 260 ºC Lead Soldering Time tSOLD 10 Sec. Supply Voltage VCC 0 5 V Recommended Operating Conditions Parameter Symbol Min. Typ. Max. Unit Note Ambient Operating Temperature TA 0 70 ºC 1 Supply Voltage VCC 3.135 3.465 V Note: See ordering information for detail Electrical Characteristics (VCC=3.135 V to 3.465 V) Parameter Symbol Min. Typ. Max. Unit Note Transmitter Transmitter Data Input Voltage-Low VIL-VCC -1.81 -1.48 V Transmitter Data Input Voltage-High VIH-VCC -1.16 -0.88 V Transmitter Disable Input-High VDISH 2 VCC+0.3 V Transmitter Disable Input-Low VDISL 0 0.8 V Receiver Data Output Voltage-Low VOL-VCC -1.95 -1.62 V Data Output Voltage-High VOH-VCC -1.045 -0.74 V SD Output Voltage-Low VSDH-VCC -1.95 -1.62 V SD Output Voltage-High VSDL-VCC -1.05 -0.74 V ECL Family SD Output Voltage-Low VSDH-VCC 0.8 V SD Output Voltage-High VSDL-VCC 2 V LVTTL |
Podobny numer części - LC-1250A4F2 |
|
Podobny opis - LC-1250A4F2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |