Zakładka z wyszukiwarką danych komponentów |
|
LC-1250B2Q1H Arkusz danych(PDF) 2 Page - Delta Electronics, Inc. |
|
LC-1250B2Q1H Arkusz danych(HTML) 2 Page - Delta Electronics, Inc. |
2 / 9 page LC-1250xxxxRx Series DELTA ELECTRONICS, INC. 2 Sep., 2006 Rev. 0E www.deltaww.com Absolute Maximum Ratings Parameter Symbol Min. Typ. Max. Unit Note Storage Temperature Ts -40 85 ºC Lead Soldering Temperature TSOLD 260 ºC Lead Soldering Time tSOLD 10 Sec. Supply Voltage VCC 0 5 V Recommended Operating Conditions Parameter Symbol Min. Typ. Max. Unit Note Ambient Operating Temperature TA 0 70 ºC 1 Supply Voltage VCC 3.135 3.465 V Note: See ordering information for detail Electrical Characteristics (VCC=3.135 V to 3.465 V) Parameter Symbol Min. Typ. Max. Unit Note Transmitter Transmitter Data Input Voltage-Low VIL-VCC -1.81 -1.48 V Transmitter Data Input Voltage-High VIH-VCC -1.16 -0.88 V Transmitter Disable Input-High VDISH 2 VCC+0.3 V Transmitter Disable Input-Low VDISL 0 0.8 V Receiver Data Output Voltage-Low VOL-VCC -1.95 -1.62 V Data Output Voltage-High VOH-VCC -1.045 -0.74 V SD Output Voltage-Low VSDH-VCC -1.95 -1.62 V SD Output Voltage-High VSDL-VCC -1.05 -0.74 V ECL Family SD Output Voltage-Low VSDH-VCC 0.8 V SD Output Voltage-High VSDL-VCC 2 V LVTTL |
Podobny numer części - LC-1250B2Q1H |
|
Podobny opis - LC-1250B2Q1H |