Zakładka z wyszukiwarką danych komponentów |
|
NE12S0A0V10PNFA Arkusz danych(PDF) 7 Page - Delta Electronics, Inc. |
|
NE12S0A0V10PNFA Arkusz danych(HTML) 7 Page - Delta Electronics, Inc. |
7 / 12 page DS_NE12S10A_02012007 7 Output Voltage Programming The output voltage of the NE series is trimmable by connecting an external resistor between the trim pin and output ground as shown Figure 21 and the typical trim resistor values are shown in Table 1. FEATURES DESCRIPTIONS (CON.) The ENABLE input can be driven in a variety of ways as shown in Figures 19 and 20. If the ENABLE signal comes from the primary side of the circuit, the ENABLE can be driven through either a bipolar signal transistor (Figure 18).If the enable signal comes from the secondary side, then an opto-coupler or other isolation devices must be used to bring the signal across the voltage isolation (please see Figure 19). ND6A/10A Vout Ground Trim Enable Ground Vin Figure 19: Enable Input drive circuit for NE series Ground Ground ND 6A/10A Vin Vout Trim Enable Figure 20: Enable input drive circuit example with isolation. Input Under-Voltage Lockout The input under-voltage lockout prevents the converter from being damaged while operating when the input voltage is too low. The lockout occurs between 2.8V to 3.1V. Over-Current and Short-Circuit Protection The NE series modules have non-latching over-current and short-circuit protection circuitry. When over current condition occurs, the module goes into the non-latching hiccup mode. When the over-current condition is removed, the module will resume normal operation. An over current condition is detected by measuring the voltage drop across the MOSFETs. The voltage drop across the MOSFET is also a function of the MOSFET’s Rds(on). Rds(on) is affected by temperature, therefore ambient temperature will affect the current limit inception point. Please see the electrical characteristics for details of the OCP function. The detection of the Rds(on) of MOSFETs also acts as an over temperature protection since high temperature will cause the Rds(on) of the MOSFETs to increase, eventually triggering over-current protection. Vin Vout Enable Ground Ground Trim ND 6A/10A Rs Figure 21: Trimming Output Voltage The NE10 module has a trim range of 1.0V to 3.3V. The trim resistor equation for the NE10A is : 592 . 0 1184 ) ( − = Ω Vout Rs Vout is the output voltage setpoint Rs is the resistance between Trim and Ground Rs values should not be less than 240Ω Output Voltage Rs (Ω) 0.59V open +1 V 2.4k +1.5 V 1.3K +2.5 V 619 +3.3 V 436 +5.0V 268 +5.5V 240 Table 1: Typical trim resistor values NE6A/10A NE6A/10A NE6A/10A |
Podobny numer części - NE12S0A0V10PNFA |
|
Podobny opis - NE12S0A0V10PNFA |