Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R-78A1.5-0.5SMD Arkusz danych(PDF) 4 Page - Recom International Power

Numer części R-78A1.5-0.5SMD
Szczegółowy opis  0.5 AMP SMD Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECOM [Recom International Power]
Strona internetowa  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78A1.5-0.5SMD Arkusz danych(HTML) 4 Page - Recom International Power

  R-78A1.5-0.5SMD Datasheet HTML 1Page - Recom International Power R-78A1.5-0.5SMD Datasheet HTML 2Page - Recom International Power R-78A1.5-0.5SMD Datasheet HTML 3Page - Recom International Power R-78A1.5-0.5SMD Datasheet HTML 4Page - Recom International Power R-78A1.5-0.5SMD Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Application Examples
INNOLINE
DC/DC-Converter
+Vin
0V
R-78A12-0.5SMD
C1
Reprogrammable
Flash Memory
"Program" = 0V, Pgm Pin = +5V
Flash Memory Program Voltage Switcher
Pgm
Program
20kW
"Program" = high, Pgm Pin = +12,6V
0V
220kW
D1
D2
D1, D2: schottky Diode
+Vin
-Vin
R-78A5.0-0.5SMD
Vout =
5.0V
Com
68kW
On/Off
Converter Output set to 5.7V to compensate for diode drop
Output protection from external voltage
+Vin
-Vin
R-78Axx-0.5SMD
-Vout
+Vout
C1
C2
DC/DC Converter ( 1:1 )
- Improved loading / line regulation
- Wide Input Voltage Range
- Point-of-Load Architecture
- High isolation voltage
On/Off
- Remote On/Off Control
C1: Required (further decoupling filtering may be
necessary between the two converters), C2: Optional
R-78Axx-0.5 SMD
Series
27-March-2007
www.recom-international.com
146


Podobny numer części - R-78A1.5-0.5SMD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-78A1.8-1.0SMD RECOM-R-78A1.8-1.0SMD Datasheet
148Kb / 4P
   1.0 AMP SMD Single Output
More results

Podobny opis - R-78A1.5-0.5SMD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-78AA-0.5 RECOM-R-78AA-0.5 Datasheet
120Kb / 5P
   0.5 AMP SMD Single Output
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com