Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX399-C30 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części BZX399-C30
Szczegółowy opis  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX399-C30 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button BZX399-C30 Datasheet HTML 4Page - NXP Semiconductors BZX399-C30 Datasheet HTML 5Page - NXP Semiconductors BZX399-C30 Datasheet HTML 6Page - NXP Semiconductors BZX399-C30 Datasheet HTML 7Page - NXP Semiconductors BZX399-C30 Datasheet HTML 8Page - NXP Semiconductors BZX399-C30 Datasheet HTML 9Page - NXP Semiconductors BZX399-C30 Datasheet HTML 10Page - NXP Semiconductors BZX399-C30 Datasheet HTML 11Page - NXP Semiconductors BZX399-C30 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 Jun 04
8
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX399 series
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD323
98-09-14
0
1
2 mm
scale
SOD323
UNIT
bp
cD
E
Qv
mm
0.40
0.25
+ 0.05
− 0.05
0.25
0.10
0.2
1.35
1.15
1.8
1.6
A
1.1
0.8
HE
2.7
2.3
0.25
0.15
Lp
0.45
0.15
DIMENSIONS (mm are the original dimensions)
D
12
HE
Lp
A
E
bp
A1
Q
Note
1. The marking bar indicates the cathode.
A1
max.
Plastic surface mounted package; 2 leads
,





v M A
A
c
(1)


Podobny numer części - BZX399-C30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BZX39 ETC1-BZX39 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX39 DIOTECH-BZX39 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
More results

Podobny opis - BZX399-C30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com