Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC638APZ Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDC638APZ
Szczegółowy opis  P-Channel 2.5V PowerTrench Specified MOSFET -20V, -4.5A, 43mohm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC638APZ Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDC638APZ Datasheet HTML 1Page - Fairchild Semiconductor FDC638APZ Datasheet HTML 2Page - Fairchild Semiconductor FDC638APZ Datasheet HTML 3Page - Fairchild Semiconductor FDC638APZ Datasheet HTML 4Page - Fairchild Semiconductor FDC638APZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDC638APZ Rev.B
www.fairchildsemi.com
4
Figure 7.
02
468
10
12
0
1
2
3
4
5
ID = -4.5A
VDD = -15V
VDD = -5V
Qg, GATE CHARGE(nC)
VDD = -10V
Gate Charge Characteristics
Figure8.
0.1
1
10
100
1000
70
2000
20
f = 1MHz
VGS = 0V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
CapacitancevsDrain
to Source Voltage
Figure 9.
0
5
10
15
20
1E-5
1E-4
1E-3
0.01
0.1
1
TJ = 25oC
TJ = 150oC
VGS = 0V
-VGS, GATE TO SOURCE VOLTAGE(V)
Gate Leakage Current vs Gate to
Source Voltage
Figure 10.
0.1
1
10
0.01
0.1
1
10
100
50
100ms
10us
1s
DC
10ms
1ms
100us
r
DS(on) LIMIT
SINGLE PULSE
TJ = MAX RATED
TA = 25OC
-VDS, DRAIN to SOURCE VOLTAGE (V)
Forward Bias Safe
Operating Area
Figure 11. Single Pulse Maximum Power Di
10
-3
10
-2
10
-1
10
0
10
1
10
2
0
10
20
30
40
50
SINGLE PULSE
RθJA = 156
oC/W
TA=25
oC
t, PULSE WIDTH (s)
SINGLE PULSE
ssipation
Figure 12. Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
0.001
0.01
0.1
1
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


Podobny numer części - FDC638APZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC638 FAIRCHILD-FDC638 Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
logo
VBsemi Electronics Co.,...
FDC638P VBSEMI-FDC638P Datasheet
1,006Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results

Podobny opis - FDC638APZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com