Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD8750 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDD8750
Szczegółowy opis  N-Channel PowerTrench MOSFET 25V, 2.7A, 40mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8750 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDD8750 Datasheet HTML 1Page - Fairchild Semiconductor FDD8750 Datasheet HTML 2Page - Fairchild Semiconductor FDD8750 Datasheet HTML 3Page - Fairchild Semiconductor FDD8750 Datasheet HTML 4Page - Fairchild Semiconductor FDD8750 Datasheet HTML 5Page - Fairchild Semiconductor FDD8750 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD8750 Rev.C
www.fairchildsemi.com
4
Figure 7.
02468
0
2
4
6
8
10
ID = 2.7A
VDD = 18V
VDD = 8V
Qg, GATE CHARGE(nC)
VDD = 13V
Gate Charge Characteristics
Figure8.
0.1
1
10
100
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
30
600
20
Capacitance vs Drain
to Source Voltage
Figure9.
1E-3
0.01
0.1
1
10
1
2
3
TJ = 125oC
TJ = 25oC
TJ = 150oC
t
AV, TIME IN AVALANCHE(ms)
1
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
175
0
4
8
12
16
20
Limited by Package
RθJC = 8
oC/W
VGS =4.5V
VGS = 10V
T
C, CASE TEMPERATURE (
oC)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
0.1
1
10
0.1
1
10
DC
10ms
1ms
100us
SINGLE PULSE
TJ = MAX RATED
TC = 25OC
OPERATION IN THIS
AREA MAY BE
LIMITED BY r
DS(on)
VDS, DRAIN to SOURCE VOLTAGE (V)
50
60
Figure 12.
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
V
GS = 10V
SINGLE PULSE
t, PULSE WIDTH (s)
3000
Tc = 25
oC
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
175 Tc
150
-----------------------
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25°C unless otherwise noted


Podobny numer części - FDD8750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD8750 ISC-FDD8750 Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FDD8750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDU8796 FAIRCHILD-FDU8796 Datasheet
312Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 5.7mOhm
FDD8770 FAIRCHILD-FDD8770 Datasheet
314Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 4.0mOHM
FDD8778 FAIRCHILD-FDD8778 Datasheet
357Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 14mohm
FDMS3626S FAIRCHILD-FDMS3626S Datasheet
394Kb / 12P
   PowerTrench Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDPC8012S FAIRCHILD-FDPC8012S Datasheet
563Kb / 15P
   PowerTrench Power Clip 25V Asymmetric Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
   25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
   25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
   25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
   25V N -Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com