Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC08AF Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części DAC08AF
Szczegółowy opis  8-Bit high-speed multiplying D/A converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08AF Arkusz danych(HTML) 5 Page - NXP Semiconductors

  DAC08AF Datasheet HTML 1Page - NXP Semiconductors DAC08AF Datasheet HTML 2Page - NXP Semiconductors DAC08AF Datasheet HTML 3Page - NXP Semiconductors DAC08AF Datasheet HTML 4Page - NXP Semiconductors DAC08AF Datasheet HTML 5Page - NXP Semiconductors DAC08AF Datasheet HTML 6Page - NXP Semiconductors DAC08AF Datasheet HTML 7Page - NXP Semiconductors DAC08AF Datasheet HTML 8Page - NXP Semiconductors DAC08AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
720
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
DAC08C
DAC08E
DAC08
DAC08H
DAC08A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
UNIT
tS
Settling time
To
± 1/2LSB, all bits
switched on or off,
TA=25°C
70
135
70
135
70
135
ns
Propagation delay
tPLH
Low-to-High
TA=25°C, each bit.
ns
tPHL
High-to-Low
All bits switched
35
60
35
60
35
60
TEST CIRCUITS
Figure 1. Relative Accuracy Test Circuit
CONTROL
LOGIC
DAC-08
REFERENCE DAC
ACCURACY > 0.006%
NE5534
ERROR
OUTPUT
V–
V+
+
16
14
15
5-12
1
2
4
13
3
VREF
RREF
Rf
R15
Figure 2. Transient Response and Settling Time
FOR SETTLING TIME
MEASUREMENT
(ALL BITS
SWITCHED LOW
TO HIGH)
USE RL to GND
FOR TURN OFF
MEASUREMENT
SETTLING TIME
TRANSIENT
RESPONSE
eIN
2.4V
0.4V
1.0V
0
0
-100mV
1.4V
RL = 500Ω
RL = 50Ω
PIN 4 TO GND
tS = 70ns TYPICAL
TO
±1/2 LSB
tPHL = tPLH = 10ns
tPHL
tPLH
CO ≤ 25pF
15pF
51
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VEE
VCC
eIN
eO
0.1
µF
0.1
µF
1.0k
1.0k
0.1
µF
RL
+2.0VDC


Podobny numer części - DAC08AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
DAC08AQ AD-DAC08AQ Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08AQ AD-DAC08AQ Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08AQ AD-DAC08AQ Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
DAC08AQ AD-DAC08AQ Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
DAC08AQ2/883C AD-DAC08AQ2/883C Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
More results

Podobny opis - DAC08AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com