Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDN361BN Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDN361BN
Szczegółowy opis  30V N-Channel, Logic Level, PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN361BN Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDN361BN Datasheet HTML 1Page - Fairchild Semiconductor FDN361BN Datasheet HTML 2Page - Fairchild Semiconductor FDN361BN Datasheet HTML 3Page - Fairchild Semiconductor FDN361BN Datasheet HTML 4Page - Fairchild Semiconductor FDN361BN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDN361BN Rev A(W)
www.fairchildsemi.com
Typical Characteristics
0
2
4
6
8
10
00.5
1
1.522.5
3
Qg, GATE CHARGE (nC)
ID =1.4A
VDS = 10V
15V
20V
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100
μs
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 270
oC/W
TA = 25
oC
10ms
1ms
0
1
2
3
4
5
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 270°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 270
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Podobny numer części - FDN361BN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
FDN361BN UMW-FDN361BN Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
More results

Podobny opis - FDN361BN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDP6676 FAIRCHILD-FDP6676 Datasheet
82Kb / 5P
   30V N-Channel Logic Level PowerTrench MOSFET
FDZ7064N FAIRCHILD-FDZ7064N Datasheet
186Kb / 6P
   30V N-Channel Logic Level PowerTrench BGA MOSFET
FDZ5047N FAIRCHILD-FDZ5047N Datasheet
211Kb / 6P
   30V N-Channel Logic Level PowerTrench BGA MOSFET
FDB8832 FAIRCHILD-FDB8832 Datasheet
294Kb / 7P
   N-Channel Logic Level PowerTrench MOSFET 30V, 80A, 2.1mOHM
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com