Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM1246 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części FM1246
Szczegółowy opis  Desktop video & FM radio module system CCIR I
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button FM1246 Datasheet HTML 3Page - NXP Semiconductors FM1246 Datasheet HTML 4Page - NXP Semiconductors FM1246 Datasheet HTML 5Page - NXP Semiconductors FM1246 Datasheet HTML 6Page - NXP Semiconductors FM1246 Datasheet HTML 7Page - NXP Semiconductors FM1246 Datasheet HTML 8Page - NXP Semiconductors FM1246 Datasheet HTML 9Page - NXP Semiconductors FM1246 Datasheet HTML 10Page - NXP Semiconductors FM1246 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1997 May 14
7
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
TUNER CHARACTERISTICS
For detailed information about the PLL programming, refer to Chapter “Application information”.
The desktop video tuner is guaranteed to function properly within the specified operational conditions, but a certain
deterioration of performance parameters may occur at the limits of the operational conditions.
Required data for test equipment to be used
EQUIPMENT
PARAMETER
VALUE
UNIT
DC voltmeter
input impedance
>1
M
Oscilloscope
input impedance:
resistance
>1
M
capacitance
<15
pF
Spectrum analyzer
input impedance
50
FET probe
input impedance:
resistance
1
M
capacitance
3.5
pF
output impedance
50
voltage gain
0
dB
AC millivoltmeter
input impedance
>100
k


Podobny numer części - FM1246

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
FM120 RECTRON-FM120 Datasheet
26Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM120 FORMOSA-FM120 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM120 FORMOSA-FM120 Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Rectron Semiconductor
FM120 RECTRON-FM120 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
More results

Podobny opis - FM1246

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
FM1236 PHILIPS-FM1236 Datasheet
144Kb / 20P
   Desktop video & FM radio module system M, N
1997 Feb 03
FI1216MK2 PHILIPS-FI1216MK2 Datasheet
139Kb / 20P
   Desktop video tuner system CCIR B/G
1997 Mar 13
FI1216MF PHILIPS-FI1216MF Datasheet
148Kb / 24P
   Desktop video tuner multi system CCIR L/L??and B/G
1996 Jul 09
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
   FM/AM Radio Receiver System
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
STMicroelectronics
TCA3189 STMICROELECTRONICS-TCA3189 Datasheet
165Kb / 4P
   FM-IF HIGH QUALITY RADIO SYSTEM
June 1988
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com