Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3130 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części CA3130
Szczegółowy opis  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button CA3130_05 Datasheet HTML 2Page - Intersil Corporation CA3130_05 Datasheet HTML 3Page - Intersil Corporation CA3130_05 Datasheet HTML 4Page - Intersil Corporation CA3130_05 Datasheet HTML 5Page - Intersil Corporation CA3130_05 Datasheet HTML 6Page - Intersil Corporation CA3130_05 Datasheet HTML 7Page - Intersil Corporation CA3130_05 Datasheet HTML 8Page - Intersil Corporation CA3130_05 Datasheet HTML 9Page - Intersil Corporation CA3130_05 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Input Current Variation with Common Mode Input
Voltage
As shown in the Table of Electrical Specifications, the input
current for the CA3130 Series Op Amps is typically 5pA at
TA = 25oC when Terminals 2 and 3 are at a common-mode
potential of +7.5V with respect to negative supply Terminal 4.
Figure 3 contains data showing the variation of input current
as a function of common-mode input voltage at TA = 25oC.
These data show that circuit designers can advantageously
exploit these characteristics to design circuits which typically
require an input current of less than 1pA, provided the
common-mode input voltage does not exceed 2V. As
previously noted, the input current is essentially the result of
the leakage current through the gate-protection diodes in the
input circuit and, therefore, a function of the applied voltage.
Although the finite resistance of the glass terminal-to-case
insulator of the metal can package also contributes an
increment of leakage current, there are useful compensating
factors. Because the gate-protection network functions as if
it is connected to Terminal 4 potential, and the Metal Can
case of the CA3130 is also internally tied to Terminal 4, input
Terminal 3 is essentially “guarded” from spurious leakage
currents.
Offset Nulling
Offset-voltage nulling is usually accomplished with a
100,000
Ω potentiometer connected across Terminals 1 and
5 and with the potentiometer slider arm connected to
Terminal 4. A fine offset-null adjustment usually can be
effected with the slider arm positioned in the mid-point of the
potentiometer’s total range.
Input-Current Variation with Temperature
The input current of the CA3130 Series circuits is typically
5pA at 25oC. The major portion of this input current is due to
leakage current through the gate-protective diodes in the
input circuit. As with any semiconductor-junction device,
including op amps with a junction-FET input stage, the
leakage current approximately doubles for every 10oC
increase in temperature. Figure 4 provides data on the
typical variation of input bias current as a function of
temperature in the CA3130.
In applications requiring the lowest practical input current
and incremental increases in current because of “warm-up”
effects, it is suggested that an appropriate heat sink be used
with the CA3130. In addition, when “sinking” or “sourcing”
significant output current the chip temperature increases,
causing an increase in the input current. In such cases, heat-
sinking can also very markedly reduce and stabilize input
current variations.
Input Offset Voltage (VIO) Variation with DC Bias
and Device Operating Life
It is well known that the characteristics of a MOSFET device
can change slightly when a DC gate-source bias potential is
applied to the device for extended time periods. The
magnitude of the change is increased at high temperatures.
Users of the CA3130 should be alert to the possible impacts
of this effect if the application of the device involves extended
operation at high temperatures with a significant differential
DC bias voltage applied across Terminals 2 and 3. Figure 5
shows typical data pertinent to shifts in offset voltage
encountered with CA3130 devices (metal can package)
during life testing. At lower temperatures (metal can and
plastic), for example at 85oC, this change in voltage is
considerably less. In typical linear applications where the
differential voltage is small and symmetrical, these
incremental changes are of about the same magnitude as
those encountered in an operational amplifier employing a
bipolar transistor input stage. The 2VDC differential voltage
example represents conditions when the amplifier output
stage is “toggled”, e.g., as in comparator applications.
10
7.5
5
2.5
0
-1
012
3456
7
INPUT CURRENT (pA)
TA = 25
oC
3
2
7
4
8
6
PA
VIN
CA3130
15V
TO
5V
0V
TO
-10V
V+
V-
FIGURE 3. INPUT CURRENT vs COMMON-MODE VOLTAGE
VS = ±7.5V
4000
1000
100
10
1
-80
-60
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (oC)
FIGURE 4. INPUT CURRENT vs TEMPERATURE
CA3130, CA3130A


Podobny numer części - CA3130_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3130A INTERSIL-CA3130A Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3130AE INTERSIL-CA3130AE Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3130AE RENESAS-CA3130AE Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3130AM INTERSIL-CA3130AM Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3130AM RENESAS-CA3130AM Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Podobny opis - CA3130_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com