Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3290 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CA3290
Szczegółowy opis  BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3290 Arkusz danych(HTML) 4 Page - Intersil Corporation

  CA3290 Datasheet HTML 1Page - Intersil Corporation CA3290 Datasheet HTML 2Page - Intersil Corporation CA3290 Datasheet HTML 3Page - Intersil Corporation CA3290 Datasheet HTML 4Page - Intersil Corporation CA3290 Datasheet HTML 5Page - Intersil Corporation CA3290 Datasheet HTML 6Page - Intersil Corporation CA3290 Datasheet HTML 7Page - Intersil Corporation CA3290 Datasheet HTML 8Page - Intersil Corporation CA3290 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Circuit Description
The Basic Comparator
Figure 4 shows the basic circuit diagram for one of the two
comparators in the CA3290. It is generically similar to the
industry type “139” comparators, with PMOS transistors
replacing PNP transistors as input stage elements.
Transistors Q1 through Q4 comprise the differential input
stage, with Q5 and Q6 serving as a mirror connected active
load and differential-to-single-ended converter. The
differential input at Q1 and Q4 is amplified so as to toggle Q6
in accordance with the input signal polarity. For example, if
+VIN is greater than -VIN, Q1, Q2, and current mirror
transistors Q5 and Q6 will be turned off; Transistors Q3, Q4,
and Q7 will be turned on, causing Q8 to be turned off. The
output is pulled positive when a load resistor is connected
between the output and V+.
In essence, Q1 and Q4 function as source followers to drive
Q2 and Q3, respectively, with zener diodes D1 through D4
providing gate oxide protection against input voltage
transients (e.g., static electricity). The current flow in Q1 and
Q4 is established at approximately 50µA by constant current
sources I1 and I3, respectively. Since Q1 and Q4 are
operated with a constant current load, their gate-to-source
voltage drops will be effectively constant as long as the input
voltages are within the common-mode range.
As a result, the input offset voltage (VGS(Q1) + VBE(Q2) -
VBE(Q3) - VGS(Q4)) will not be degraded when a large
differential DC voltage is applied to the device for extended
periods of time at high temperatures.
Additional voltage gain following the first stage is provided
by transistors Q7 and Q8. The collector of Q8 is open,
offering the user a wide variety of options in applications. An
additional discrete transistor can be added if it becomes
necessary to boost the output sink current capability.
The detailed schematic diagram for one comparator and the
common current source biasing is shown on the front page.
PMOS transistors Q9 through Q12 are the current source
FIGURE 2. NON-INVERTING COMPARATOR RESPONSE TIME TEST CIRCUIT AND WAVEFORMS
FIGURE 3. INVERTING COMPARATOR RESPONSE TIME TEST CIRCUIT AND WAVEFORMS
Test Circuits and Waveforms
INPUT
OVERDRIVE
GND
100mV
OVERDRIVE
20mV
OVERDRIVE
5mV
OVERDRIVE
INPUT
OVERDRIVE
GND
100mV
OVERDRIVE
20mV
OVERDRIVE
5mV
OVERDRIVE
+15V
1K
1K
INPUT
5.1K
OUTPUT
+
-
INPUT
OVERDRIVE
GND
100mV
OVERDRIVE
20mV
OVERDRIVE
5mV
OVERDRIVE
INPUT
OVERDRIVE
GND
100mV
OVERDRIVE
20mV
OVERDRIVE
5mV
OVERDRIVE
+15V
1K
1K
INPUT
5.1K
OUTPUT
+
-
CA3290, CA3290A


Podobny numer części - CA3290

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3290 INTERSIL-CA3290 Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290A INTERSIL-CA3290A Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290AE INTERSIL-CA3290AE Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290E INTERSIL-CA3290E Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
More results

Podobny opis - CA3290

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3290 INTERSIL-CA3290 Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com