Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA1523 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CA1523
Szczegółowy opis  Voltage Regulator Control Circuit for Variable Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1523 Arkusz danych(HTML) 4 Page - Intersil Corporation

  CA1523_00 Datasheet HTML 1Page - Intersil Corporation CA1523_00 Datasheet HTML 2Page - Intersil Corporation CA1523_00 Datasheet HTML 3Page - Intersil Corporation CA1523_00 Datasheet HTML 4Page - Intersil Corporation CA1523_00 Datasheet HTML 5Page - Intersil Corporation CA1523_00 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
CA1523
FIGURE 1. TEST CIRCUIT FOR THE CA1523
1
14
2
-
+
-
+
3
9
12
10
+
-
11
6
5
4
7
+
8
13
VCC
15K
20K
TRIM
RES.
RT
ERROR
VOLTAGE
TIMING
240pF
(CONTROL
CIRCUIT
GND)
VCC
12K
30K
VIO
SLOW
START
ON/OFF
ON
OFF
220
220
1K
Q LOW
CLOSES
S3
S3
3K
3V
REF.
6.8V
REF
S2 OPEN
WHEN V10 > 6.8V
S2
VCC
>6.4V
1.2V
REF.
+5V
VCC
+6.8V
REF
IC/2
CURRENT
SET UP
IC
S1
Q HIGH
CLOSES S1
ID ˜ IC/2
FOR VI <<6.8V
VCC
REF. VOLT.
SOURCES
ZENER
5V
5V
NC
SQ
RQ
VH
RISE/FALL
47pF
PULSE OUTPUT
1800pF
OUTPUT
GND
OVER
CURRENT
1K
V11
LOGIC
OUT
56K
0.0033
µF
CHARGE
CURRENT
S
R
Q
F/F
F/F
VCC
VL 2.5V
+
-
REF


Podobny numer części - CA1523_00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA15230 LEDIL-CA15230 Datasheet
4Mb / 5P
   ~35째 medium beam
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
   ~55째 wide beam
logo
Intersil Corporation
CA1523E INTERSIL-CA1523E Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
More results

Podobny opis - CA1523_00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
logo
NEC
UPC1042 NEC-UPC1042 Datasheet
249Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
logo
New Japan Radio
NJM3524 NJRC-NJM3524 Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
logo
NTE Electronics
NTE7109 NTE-NTE7109 Datasheet
40Kb / 5P
   Integrated Circuit Switching Regulator Control
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
logo
NEC
UPC1100 NEC-UPC1100 Datasheet
345Kb / 10P
   DUAL SWITCHING REGULATOR CONTROL CIRCUIT
logo
Rohm
BA3960 ROHM-BA3960 Datasheet
82Kb / 5P
   Dual circuit, variable output voltage regulator
logo
NEC
UPC1099 NEC-UPC1099 Datasheet
356Kb / 12P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
UPC1094 NEC-UPC1094 Datasheet
569Kb / 8P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION
UPC1905 NEC-UPC1905 Datasheet
850Kb / 12P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com