Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3338E Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części CA3338E
Szczegółowy opis  CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3338E Arkusz danych(HTML) 3 Page - Intersil Corporation

  CA3338E Datasheet HTML 1Page - Intersil Corporation CA3338E Datasheet HTML 2Page - Intersil Corporation CA3338E Datasheet HTML 3Page - Intersil Corporation CA3338E Datasheet HTML 4Page - Intersil Corporation CA3338E Datasheet HTML 5Page - Intersil Corporation CA3338E Datasheet HTML 6Page - Intersil Corporation CA3338E Datasheet HTML 7Page - Intersil Corporation CA3338E Datasheet HTML 8Page - Intersil Corporation CA3338E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
CA3338, CA3338A
Absolute Maximum Ratings
Thermal Information
DC Supply-Voltage Range . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +8V
(VDD - VSS or VDD - VEE, Whichever is Greater)
Input Voltage Range
Digital Inputs (LE, COMP D0 - D7). . . . VSS - 0.5V to VDD + 0.5V
Analog Pins (VREF+, VREF-, VOUT) . . . .VDD - 8V to VDD + 0.5V
DC Input Current
Digital Inputs (LE, COMP, D0 - D7) . . . . . . . . . . . . . . . . . .
±20mA
Recommended Supply Voltage Range . . . . . . . . . . . . . 4.5V to 7.5V
Operating Conditions
Temperature Range (TA)
Plastic Package, E suffix, M suffix . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
90
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
100
N/A
Maximum Junction Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range, TSTG . . . . -65
oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V
DD = 5V, VREF+ = 4.608V, VSS = VEE = VREF- = GND, LE Clocked at 20MHz, RL ≥ 1 MΩ,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Resolution
8
-
-
Bits
Integral Linearity Error
See Figure 4
CA3338
-
-
±1LSB
CA3338A
-
-
±0.75
LSB
Differential Linearity Error
See Figure 4
CA3338
-
-
±0.75
LSB
CA3338A
-
-
±0.5
LSB
Gain Error
Input Code = FFHEX, See Figure 3
CA3338
-
-
±0.75
LSB
CA3338A
-
-
±0.5
LSB
Offset Error
Input Code = 00HEX; See Figure 3
-
-
±0.25
LSB
DIGITAL INPUT TIMING
Update Rate
To Maintain 1/2 LSB Settling
DC
50
-
MHz
Update Rate
VREF- = VEE = -2.5V, VREF+ = +2.5V
DC
20
-
MHz
Set Up Time tSU1
For Low Glitch
-
-2
-
ns
Set Up Time tSU2
For Data Store
-
8
-
ns
Hold Time tH
For Data Store
-
5
-
ns
Latch Pulse Width tW
For Data Store
-
5
-
ns
Latch Pulse Width tW
VREF- = VEE = -2.5V, VREF+ = +2.5V
-
25
-
ns
OUTPUT PARAMETERS
RL Adjusted for 1VP-P Output
Output Delay tD1
From LE Edge
-
25
-
ns
Output Delay tD2
From Data Changing
-
22
-
ns
Rise Time tr
10% to 90% of Output
-
4
-
ns
Settling Time tS
10% to Settling to 1/2 LSB
-
20
-
ns
Output Impedance
VREF+ = 6V, VDD = 6V
120
160
200
Glitch Area
-
150
-
pV/s
Glitch Area
VREF- = VEE = -2.5V,VREF+ = +2.5V
-
250
-
pV/s


Podobny numer części - CA3338E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3338E INTERSIL-CA3338E Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
logo
Renesas Technology Corp
CA3338E RENESAS-CA3338E Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
CA3338EZ RENESAS-CA3338EZ Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
More results

Podobny opis - CA3338E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
logo
Renesas Technology Corp
CA3338 RENESAS-CA3338 Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Intersil Corporation
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com