Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP07DPE4 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części OP07DPE4
Szczegółowy opis  PRECISION OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

OP07DPE4 Arkusz danych(HTML) 5 Page - Texas Instruments

  OP07DPE4 Datasheet HTML 1Page - Texas Instruments OP07DPE4 Datasheet HTML 2Page - Texas Instruments OP07DPE4 Datasheet HTML 3Page - Texas Instruments OP07DPE4 Datasheet HTML 4Page - Texas Instruments OP07DPE4 Datasheet HTML 5Page - Texas Instruments OP07DPE4 Datasheet HTML 6Page - Texas Instruments OP07DPE4 Datasheet HTML 7Page - Texas Instruments OP07DPE4 Datasheet HTML 8Page - Texas Instruments OP07DPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
OP07C, OP07D
PRECISION OPERATIONAL AMPLIFIERS
SLOS099E − OCTOBER 1983 − REVISED MAY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST
OP07C
OP07D
UNIT
PARAMETER
TEST
CONDITIONS†
TYP
TYP
UNIT
f = 10 Hz
10.5
10.5
Vn
Equivalent input noise voltage
f = 100 Hz
10.2
10.3
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
9.8
9.8
nV/
√Hz
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
0.38
0.38
µV
f = 10 Hz
0.35
0.35
In
Equivalent input noise current
f = 100 Hz
0.15
0.15
pA/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.13
0.13
pA/
√Hz
IN(PP)
Peak-to-peak equivalent input noise current
f = 0.1 Hz to 10 Hz
15
15
pA
SR
Slew rate
RL ≥ 2 kΩ
0.3
0.3
V/
µs
† All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise noted.
APPLICATION INFORMATION
OUT
VCC−
VCC+
IN−
IN+
+
OFFSET N1
3
2
4
7
6
20 k
N2
OFFSET
8
1
Figure 1. Input Offset-Voltage Null Circuit


Podobny numer części - OP07DPE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
OP07DPE4 TI1-OP07DPE4 Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
OP07DPE4 TI1-OP07DPE4 Datasheet
922Kb / 21P
[Old version datasheet]   Precision Operational Amplifie
OP07DPE4 TI-OP07DPE4 Datasheet
1Mb / 22P
[Old version datasheet]   OP07x Precision Operational Amplifiers
OP07
More results

Podobny opis - OP07DPE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
logo
Analog Devices
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
   Precision, Micropower Operational Amplifiers
REV. C
logo
Harris Corporation
CA3493 HARRIS-CA3493 Datasheet
511Kb / 11P
   BiMOS Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com