Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX12LC Arkusz danych(PDF) 2 Page - Protek Devices

Numer części CX12LC
Szczegółowy opis  COAXIAL PROTECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CX12LC Arkusz danych(HTML) 2 Page - Protek Devices

  CX12LC Datasheet HTML 1Page - Protek Devices CX12LC Datasheet HTML 2Page - Protek Devices CX12LC Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CX12
thru
CX12LC
2
05017.R4 12/05
www.protekdevices.com
DEVICE CHARACTERISTICS
PART
NUMBER
MAXIMUM
LINE
THRUPUT
RESISTANCE
R
OHMS
TYPICAL
CAPACITANCE
@ 0V, 1 MHz
C
pF
Peak Operating Line Voltage (V
OP )
Operating Line Current (I
O )
Maximum Transient Voltage
Maximum Transient Current
Maximum Leakage Current
CX12 Frequency Responce -3 dB
CX12LC Frequency Responce -3 dB
Operating & Storage Temperature
Response Time
±12 V
200mA
20kV
3000A (8/20µs)
5µA
@ 30MHz
@ 200MHz
-40° to +85°C
< 10 ns
MAXIMUM
CLAMPING
VOLTAGE
Line-Ground
500A @ 8/20µs
V
C
VOLTS
CX12
CX12LC
24
28
3
10
200
25
MAXIMUM RATINGS @ 25°C
ELECTRICAL CHARACTERISTICS @ 25°C
Figure 3 shows a comparison of ca-
pacitance between a industrial stan-
dard device (Top Line) and the ProTek
Device CX12LC (Bottom Line). Due
to the drastic change in the capaci-
tance of the product (Top Line), signal
distortion, loss of data or even ac-
cess into the computer may be a prob-
lem.
FIGURE 4
PULSE WAVE FORM
TEST
WAVEFORM
PARAMETERS
tf = 8µs
td = 20µs
Peak Value IPP
tf
e-t
td = t IPP/2
0
5
10
15
20
25
30
t - Time - µs
120
100
80
60
40
20
0
FIGURE 3
LINEAR VS NON-LINEAR CAPACITANCE
FIGURE 6
FREQUENCY RESPONCE CX12LC
FIGURE 5
FREQUENCY RESPONCE CX12
Industry Standard
Low Capcitance
Solid State Protector
ProTek’s Device
0
2
4
6
8
10
VOP - Data Line Operating Voltage - Volts
10
100
1000


Podobny numer części - CX12LC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CX12LC ETC-CX12LC Datasheet
104Kb / 2P
   COAXIAL PROTECTOR
logo
Protek Devices
CX12LC PROTEC-CX12LC Datasheet
417Kb / 6P
   coaxial protector
More results

Podobny opis - CX12LC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CX12 ETC-CX12 Datasheet
104Kb / 2P
   COAXIAL PROTECTOR
logo
Protek Devices
CX12 PROTEC-CX12_11 Datasheet
417Kb / 6P
   coaxial protector
logo
Bourns Electronic Solut...
1740-15 BOURNS-1740-15 Datasheet
182Kb / 2P
   Coaxial Surge Protector
1740 BOURNS-1740 Datasheet
176Kb / 2P
   Coaxial Surge Protector
1965 BOURNS-1965 Datasheet
397Kb / 2P
   50 Ohm Coaxial Surge Protector
logo
List of Unclassifed Man...
P8AX ETC1-P8AX Datasheet
118Kb / 4P
   Gas Tube Coaxial Surge Protector
logo
Bourns Electronic Solut...
1965-XX-A00 BOURNS-1965-XX-A00 Datasheet
105Kb / 2P
   50 Ohm Coaxial Surge Protector
1965 BOURNS-1965_09 Datasheet
105Kb / 2P
   50 Ohm Coaxial Surge Protector
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
   IC protector
logo
Bourns Electronic Solut...
CDSOT23-T24CAN BOURNS-CDSOT23-T24CAN Datasheet
505Kb / 6P
   CANbus Protector
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com