Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37C666GT Arkusz danych(PDF) 11 Page - SMSC Corporation

Numer części FDC37C666GT
Szczegółowy opis  High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C666GT Arkusz danych(HTML) 11 Page - SMSC Corporation

Back Button FDC37C666GT Datasheet HTML 7Page - SMSC Corporation FDC37C666GT Datasheet HTML 8Page - SMSC Corporation FDC37C666GT Datasheet HTML 9Page - SMSC Corporation FDC37C666GT Datasheet HTML 10Page - SMSC Corporation FDC37C666GT Datasheet HTML 11Page - SMSC Corporation FDC37C666GT Datasheet HTML 12Page - SMSC Corporation FDC37C666GT Datasheet HTML 13Page - SMSC Corporation FDC37C666GT Datasheet HTML 14Page - SMSC Corporation FDC37C666GT Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
11
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
83
nData Terminal
Ready
IDE
Configuration
Control
nDTR1
IDECF
O4
I
Active low Data Terminal Ready output for
primary serial port.
Handshake output
signal notifies modem that the UART is
ready to establish data communication link.
This signal can be programmed by writing
to bit 0 of Modem Control Register (MCR).
The hardware reset will reset the nDTR
signal to inactive mode (high).
Forced
inactive during loop mode operation.
FDC37C666GT
(Adapter
Mode):
IDE
Configuration Control.
During reset active
this
input
is
read
and
latched
to
enable/disable the IDE.
93
nData Terminal
Ready
Secondary Serial
Port
Configuration
Control 1
nDTR2
S2CF1
O4
I
Active low Data Terminal Ready output for
secondary serial port.
Handshake output
signal notifies modem that the UART is
ready to establish data communication link.
This signal can be programmed by writing
to bit 0 of Modem Control Register (MCR),
The hardware reset will reset the nDTR
signal to inactive mode (high).
Forced
inactive during loop mode operation.
FDC37C666GT (Adapter Mode): Secondary
Serial Port Configuration Control 1. During
reset active this input is read and latched to
define the address of the Secondary Serial
Port.
89
Transmit Data 2
TXD2
FDCCF
O4
I
Transmitter
Serial
Data
output
from
Secondary Serial Port.
FDC37C666GT
(Adapter
Mode):
Floppy
Disk Configuration. This input is read and
latched during Reset to enable/disable the
Floppy Disk Controller.


Podobny numer części - FDC37C666GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37C666GT SMSC-FDC37C666GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

Podobny opis - FDC37C666GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com