Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLZ34 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części IRLZ34
Szczegółowy opis  N-channel enhancement mode Logic level TrenchMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRLZ34 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  IRLZ34 Datasheet HTML 1Page - NXP Semiconductors IRLZ34 Datasheet HTML 2Page - NXP Semiconductors IRLZ34 Datasheet HTML 3Page - NXP Semiconductors IRLZ34 Datasheet HTML 4Page - NXP Semiconductors IRLZ34 Datasheet HTML 5Page - NXP Semiconductors IRLZ34 Datasheet HTML 6Page - NXP Semiconductors IRLZ34 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
IRLZ34N
Logic level TrenchMOS
TM transistor
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 30 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Normalised avalanche energy rating.
W
DSS% = f(Tmb); conditions: ID = 20 A
Fig.16. Avalanche energy test circuit.
0
0.5
1
1.5
2
2.5
3
1E-05
1E-05
1E-04
1E-03
1E-02
1E-01
Sub-Threshold Conduction
2%
typ
98%
0
0.5
1
1.5
0
20
40
60
80
100
IF/A
VSDS/V
Tj/C =
175
25
0.01
0.1
1
10
100
0
0.5
1.0
1.5
2.0
2.5
Ciss
Coss
Crss
VDS/V
20
40
60
80
100
120
140
160
180
Tmb / C
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
0
5
10
15
20
25
0
1
2
3
4
5
6
VGS/V
QG/nC
VDS = 14V
VDS = 44V
L
T.U.T.
VDD
RGS
R 01
VDS
-ID/100
+
-
shunt
VGS
0
W
DSS = 0.5 ⋅ LID
2
⋅ BV
DSS/(BVDSS − VDD)
February 1999
5
Rev 1.000


Podobny numer części - IRLZ34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLZ34 IRF-IRLZ34 Datasheet
178Kb / 6P
   HEXFET POWER MOSFET
logo
Vishay Siliconix
IRLZ34 VISHAY-IRLZ34 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
IRLZ34 VISHAY-IRLZ34 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
IRLZ34 VISHAY-IRLZ34 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
IRLZ34 VISHAY-IRLZ34 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
More results

Podobny opis - IRLZ34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PHN1015 PHILIPS-PHN1015 Datasheet
95Kb / 7P
   N-channel TrenchMOS transistor Logic level
December 1999 Rev 1.300
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
101Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
70Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
142Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
99Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
113Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
111Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com