Zakładka z wyszukiwarką danych komponentów |
|
AM29DL324DT90EIN Arkusz danych(PDF) 8 Page - Advanced Micro Devices |
|
AM29DL324DT90EIN Arkusz danych(HTML) 8 Page - Advanced Micro Devices |
8 / 56 page December 13, 2005 Am29DL322D/323D/324D 7 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to con- firm availability of specific valid combinations and to check on newly released combinations. Am29DL322D/323D/324D T 70R E I OPTIONAL PROCESSING Blank = Standard Processing N = 16-byte ESN devices (Contact an AMD representative for more information) TEMPERATURE RANGE I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) WD = 63-Ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 8 x 14 mm package (FBD063) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector DEVICE NUMBER/DESCRIPTION Am29DL322D/323D/324D 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP Packages AM29DL322DT70R, AM29DL322DB70R EI, EIN AM29DL323DT70R, AM29DL323DB70R AM29DL324DT70R, AM29DL324DB70R AM29DL322DT90, AM29DL322DB90 AM29DL323DT90, AM29DL323DB90 AM29DL324DT90, AM29DL324DB90 AM29DL322DT120, AM29DL322DB120 EI, EIN, EE, EEN AM29DL323DT120, AM29DL323DB120 AM29DL324DT120, AM29DL324DB120 Valid Combinations for FBGA Packages Order Number Package Marking AM29DL322DT70R, AM29DL322DB70R WDI, WDIN D322DT70R, D322DB70R I AM29DL323DT70R, AM29DL323DB70R D323DT70R, D323DB70R AM29DL324DT70R, AM29DL324DB70R D324DT70R, D324DB70R AM29DL322DT90, AM29DL322DB90 D322DT90V, D322DB90V AM29DL323DT90, AM29DL323DB90 D323DT90V, D323DB90V AM29DL324DT90, AM29DL324DB90 D324DT90V, D324DB90V AM29DL322DT120, AM29DL322DB120 WDI, WDIN, WDE, WDEN D322DT12V, D322DB12V I, E AM29DL323DT120, AM29DL323DB120 D323DT12V, D323DB12V AM29DL324DT120, AM29DL324DB120 D324DT12V, D324DB12V |
Podobny numer części - AM29DL324DT90EIN |
|
Podobny opis - AM29DL324DT90EIN |