Zakładka z wyszukiwarką danych komponentów |
|
AD9949KCPZ Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD9949KCPZ Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 36 page AD9949 Rev. B | Page 7 of 36 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS AD9949 TOP VIEW 1 D1 D8 D7 D6 D5 DRVDD DRVSS D4 D3 D2 2 3 4 5 6 7 8 9 10 30 REFB RG RGVDD TCVSS TCVDD CLI AVDD CCDIN AVSS REFT 29 28 27 26 25 24 23 22 21 PIN 1 INDICATOR Figure 2. Pin Configuration Table 6. Pin Function Descriptions Pin No. Mnemonic Type1 Description 1 to 4 D1 to D4 DO Data Outputs 5 DRVSS P Digital Driver Ground 6 DRVDD P Digital Driver Supply 7 to 13 D5 to D11 DO Data Outputs (D11 is MSB) 14 H1 DO CCD Horizontal Clock 1 15 H2 DO CCD Horizontal Clock 2 16 HVSS P H1 to H4 Driver Ground 17 HVDD P H1 to H4 Driver Supply 18 H3 DO CCD Horizontal Clock 3 19 H4 DO CCD Horizontal Clock 4 20 RGVSS P RG Driver Ground 21 RG DO CCD Reset Gate Clock 22 RGVDD P RG Driver Supply 23 TCVSS P Analog Ground for Timing Core 24 TCVDD P Analog Supply for Timing Core 25 CLI DI Master Clock Input 26 AVDD P Analog Supply for AFE 27 CCDIN AI Analog Input for CCD Signal (Connect through Series 0.1 µF Capacitor) 28 AVSS P Analog Ground for AFE 29 REFT AO Reference Top Decoupling (Decouple with 1.0 µF to AVSS) 30 REFB AO Reference Bottom Decoupling (Decouple with 1.0 µF to AVSS) 31 SL DI 3-Wire Serial Load 32 SDI DI 3-Wire Serial Data Input 33 SCK DI 3-Wire Serial Clock 34 VD DI Vertical Sync Pulse 35 HD DI Horizontal Sync Pulse 36 DVSS P Digital Ground 37 DVDD P Digital Supply 38 HBLK DI Optional HBLK Input 39 CLP/PBLK DO CLPOB or PBLK Output 40 D0 DO Data Output LSB 1 Type: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power. |
Podobny numer części - AD9949KCPZ |
|
Podobny opis - AD9949KCPZ |