Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9949KCPZRL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9949KCPZRL
Szczegółowy opis  12-Bit CCD Signal Processor with Precision Timing Core
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9949KCPZRL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9949KCPZRL Datasheet HTML 5Page - Analog Devices AD9949KCPZRL Datasheet HTML 6Page - Analog Devices AD9949KCPZRL Datasheet HTML 7Page - Analog Devices AD9949KCPZRL Datasheet HTML 8Page - Analog Devices AD9949KCPZRL Datasheet HTML 9Page - Analog Devices AD9949KCPZRL Datasheet HTML 10Page - Analog Devices AD9949KCPZRL Datasheet HTML 11Page - Analog Devices AD9949KCPZRL Datasheet HTML 12Page - Analog Devices AD9949KCPZRL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD9949
Rev. B | Page 9 of 36
EQUIVALENT INPUT/OUTPUT CIRCUITS
R
AVDD
AVSS
AVSS
Figure 3. CCDIN (Pin 27)
AVDD
AVSS
330
CLI
25k
1.4V
+
Figure 4. CLI (Pin 25)
DVSS
DRVDD
DVSS
DRVSS
DATA
THREE-STATE
DOUT
Figure 5. Data Outputs D0 to D11 (Pins 1 to 4, 7 to 13, 40)
DVDD
DVSS
330
Figure 6. Digital Inputs (Pins 31 to 35, 38)
HVDD OR RGVDD
HVSS OR RGVSS
DATA
ENABLE
DOUT
Figure 7. H1 to H4 and RG (Pins 14 to 15, 18 to 19, 21)


Podobny numer części - AD9949KCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9949 AD-AD9949 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
More results

Podobny opis - AD9949KCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971 Datasheet
67Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9948 AD-AD9948 Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com