Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145406D Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części MC145406D
Szczegółowy opis  EIA-232-D/V.28 driver/receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC145406D Arkusz danych(HTML) 2 Page - NXP Semiconductors

  MC145406D Datasheet HTML 1Page - NXP Semiconductors MC145406D Datasheet HTML 2Page - NXP Semiconductors MC145406D Datasheet HTML 3Page - NXP Semiconductors MC145406D Datasheet HTML 4Page - NXP Semiconductors MC145406D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
MC145406
EIA-232-D/V.28 driver/receiver
August 31, 1994
468
BLOCK DIAGRAM
RECEIVER
DO
DI
1.4V
LEVEL
SHIFT
DRIVER
HYSTERESIS
300
15k
5.4k
RX
TX
VCC
VSS
VCC
VDD
VSS
VCC
1.0V
1.8V
+
+
PIN #
SYMBOL
PIN DESCRIPTION
1
VDD
Positive power supply. The most positive power supply pin, which is typically 5 to 12 volts.
8
VSS
Negative power supply. The most negative power supply pin, which is typically -5 to -12 volts.
16
VCC
Digital power supply. The digital supply pin, which is connected to the logic power supply (maximum +5.5V).
9
GND
Ground. Ground return pin is typically connected to the signal ground pin of the EIA-232-D connector (Pin 7)
as well as to the logic power supply ground.
2, 4, 6
RX1, RX2, RX3
Receive Data Input. These are the EIA-232-D receive signal inputs whose voltages can range from +25 to
-25V. A voltage between +3 and +25 is decoded as a space and causes the corresponding DO pin to swing
to ground (0V); a voltage between -3 and -25V is decoded as a mark and causes the DO pin to swing up to VCC.
The actual turn-on input switchpoint is typically biased at 1.8V above ground, and includes 800mV of hysteresis
for noise rejection. The nominal input impedance is 5k
Ω. An open or grounded input pin is interpreted as a mark,
forcing the DO pin to VCC.
11, 13, 15
DO1, DO2, DO3
Data Output. These are the receiver digital output pins, which swing from VCC to GND. A space on the RX
pin causes DO to produce a logic zero; a mark produces a logic one. Each output pin is capable of driving one
LSTTL input load.
10, 12, 14
DI1, DI2, DI3
Data Input. These are the high-impedance digital input pins to the drivers. TTL compatibility is accomplished
by biasing the input switchpoint at 1.4V above ground. However, 5V CMOS compatibility is maintained as well.
Input voltage levels on these pins must be between VCC and GND.
3, 5, 7
TX1, TX2, TX3
Transmit Data Output. These are the EIA-232-D transmit signal output pins, which swing toward VDD and VSS.
A logic one at a DI input causes the corresponding TX output to swing toward VSS. A logic zero causes the
output to swing toward VDD (the output voltages will be slightly less than VDD or VSS depending upon the output
load). Output slew rates are limited to a maximum of 30V/
µs. When the MC145406 is off (VDD = VSS = VCC
= GND), the minimum output impedance is 300
Ω.


Podobny numer części - MC145406D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC145406DW LANSDALE-MC145406DW Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
MC145406DW LANSDALE-MC145406DW Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
More results

Podobny opis - MC145406D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Texas Instruments
SN75LBC187 TI-SN75LBC187 Datasheet
126Kb / 8P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
SN75LBC187 TI1-SN75LBC187_08 Datasheet
349Kb / 12P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
National Semiconductor ...
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
   Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com